| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R5F211B2DSP bảng dữ liệu(PDF) 117 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F211B2DSP bảng dữ liệu(HTML) 117 Page - Renesas Technology Corp |
|
117 / 339 page ![]() R8C/1A Group, R8C/1B Group 12. Interrupts Rev.1.30 Dec 08, 2006 Page 101 of 315 REJ09B0252-0130 12.5.5 Changing Interrupt Sources The IR bit in the interrupt control register may be set to 1 (interrupt requested) when the interrupt source changes. When using an interrupt, set the IR bit to 0 (no interrupt requested) after changing the interrupt source. In addition, changes of interrupt sources include all factors that change the interrupt sources assigned to individual software interrupt numbers, polarities, and timing. Therefore, if a mode change of a peripheral function involves interrupt sources, edge polarities, and timing, set the IR bit to 0 (no interrupt requested) after the change. Refer to the individual peripheral function for its related interrupts. Figure 12.20 shows an Example of Procedure for Changing Interrupt Sources. Figure 12.20 Example of Procedure for Changing Interrupt Sources NOTES: 1. Execute the above settings individually. Do not execute two or more settings at once (by one instruction). 2. Use the I flag for the INTi (i = 0 to 3) interrupts. To prevent interrupt requests from being generated when using peripheral function interrupts other than the INTi interrupt, disable the peripheral function before changing the interrupt source. In this case, use the I flag if all maskable interrupts can be disabled. If all maskable interrupts cannot be disabled, use bits ILVL0 to ILVL2 of the interrupt whose source is changed. 3. Refer to 12.5.6 Changing Interrupt Control Register for the instructions to be used and usage notes. Interrupt source change Disable interrupts(2, 3) Set the IR bit to 0 (interrupt not requested) using the MOV instruction(3) Change interrupt source (including mode of peripheral function) Enable interrupts(2, 3) Change completed IR bit: The interrupt control register bit of an interrupt whose source is changed. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |