công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F211B2DSP bảng dữ liệu(PDF) 110 Page - Renesas Technology Corp

tên linh kiện R5F211B2DSP
Giải thích chi tiết về linh kiện  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER R8C FAMILY / R8C/1x SERIES
PDF  339 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F211B2DSP bảng dữ liệu(HTML) 110 Page - Renesas Technology Corp

Back Button R5F211B2DSP Datasheet HTML 106Page - Renesas Technology Corp R5F211B2DSP Datasheet HTML 107Page - Renesas Technology Corp R5F211B2DSP Datasheet HTML 108Page - Renesas Technology Corp R5F211B2DSP Datasheet HTML 109Page - Renesas Technology Corp R5F211B2DSP Datasheet HTML 110Page - Renesas Technology Corp R5F211B2DSP Datasheet HTML 111Page - Renesas Technology Corp R5F211B2DSP Datasheet HTML 112Page - Renesas Technology Corp R5F211B2DSP Datasheet HTML 113Page - Renesas Technology Corp R5F211B2DSP Datasheet HTML 114Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 339 page
background image
R8C/1A Group, R8C/1B Group
12. Interrupts
Rev.1.30
Dec 08, 2006
Page 94 of 315
REJ09B0252-0130
12.2.4
INT3 Interrupt
The INT3 interrupt is generated by an INT3 input. Set the TCC07 bit in the TCC0 register to 0 (INT3).
When the TCC06 bit in the TCC0 register is set to 0, an INT3 interrupt request is generated in synchronization
with the count source of timer C. If the TCC06 bit is set to 1, the INT3 interrupt request is generated when an
INT3 input occurs.
The INT3 input contains a digital filter. The INT3 level is sampled every sampling clock cycle and if the
sampled input level matches three times, the IR bit in the INT3IC register is set to 1 (interrupt requested). The
sampling clock is selected by bits TCC11 to TCC10 in the TCC1 register. If filter is selected, the interrupt
request is generated in synchronization with the sampling clock, even if the TCC06 bit is set to 1. The P3_3 bit
in the P3 register indicates the value before filtering regardless of the contents set in bits TCC11 to TCC10.
The INT3 pin is used with the TCIN pin.
If the TCC07 bit is set to 1 (fRING128), the INT3 interrupt is generated by the fRING128 clock. The IR bit in
the INT3IC register is set to 1 (interrupt requested) every fRING128 clock cycle or every half fRING128 clock
cycle.
Figure 12.15 shows the TCC0 Register and Figure 12.16 shows the TCC1 Register.
Figure 12.15
TCC0 Register
Timer C Control Register 0
Symbol
Address
After Reset
TCC0
009Ah
00h
Bit Symbol
Bit Name
Function
RW
INT3
_____
interrupt and capture
polarity select bits(1,2)
Set to 0.
INT3
_____
interrupt request generation
0 : INT3
_____
interrupt is generated
timing select bit(2,3)
in synchronization w ith timer C count.
1 : INT3
_____
interrupt is generated w hen
INT3
_____
interrupt is input.(4)
INT3
_____
interrupt and capture input
0 : INT3
_____
sw itch bit(1,2)
1 : fRING128
NOTES :
1.
2.
3.
4.
When the TCC13 bit is set to 1 (output compare mode) and an INT3
_____
interrupt is input, regardless of the
When using the INT3
_____
filter, the INT3
_____
interrupt is generated in synchronization w ith the clock for the digital filter.
setting value of the TCC06 bit, an interrupt request is generated.
TCC02
RW
TCC07
RW
TCC06
RW
Change this bit w hen the TCC00 bit is set to 0 (count stops).
TCC00
RW
TCC01
RW
b1 b0
0
b7 b6 b5 b4 b3 b2
RW
TCC04
RW
TCC03
Timer C count start bit
0 : Stops counting.
1 : Starts counting.
Timer C count source select bits(1)
b2 b1
0 0 : f1
0 1 : f8
1 0 : f32
1 1 : fRING-fast
The IR bit in the INT3IC register may be set to 1 (requests interrupt) w hen the TCC03, TCC04, TCC06, or TCC07 bit is
rew ritten. Refer to 12.5.5 Changing Interrupt Sources.
b4 b3
0 0 : Rising edge
0 1 : Falling edge
1 0 : Both edges
1 1 : Do not set.
—
(b5)
Reserved bit
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com