công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F211B3SP bảng dữ liệu(PDF) 97 Page - Renesas Technology Corp

tên linh kiện R5F211B3SP
Giải thích chi tiết về linh kiện  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER R8C FAMILY / R8C/1x SERIES
PDF  339 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F211B3SP bảng dữ liệu(HTML) 97 Page - Renesas Technology Corp

Back Button R5F211B3SP Datasheet HTML 93Page - Renesas Technology Corp R5F211B3SP Datasheet HTML 94Page - Renesas Technology Corp R5F211B3SP Datasheet HTML 95Page - Renesas Technology Corp R5F211B3SP Datasheet HTML 96Page - Renesas Technology Corp R5F211B3SP Datasheet HTML 97Page - Renesas Technology Corp R5F211B3SP Datasheet HTML 98Page - Renesas Technology Corp R5F211B3SP Datasheet HTML 99Page - Renesas Technology Corp R5F211B3SP Datasheet HTML 100Page - Renesas Technology Corp R5F211B3SP Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 339 page
background image
R8C/1A Group, R8C/1B Group
12. Interrupts
Rev.1.30
Dec 08, 2006
Page 81 of 315
REJ09B0252-0130
12.1.5
Interrupts and Interrupt Vectors
There are 4 bytes in each vector. Set the starting address of an interrupt routine in each interrupt vector. When
an interrupt request is acknowledged, the CPU branches to the address set in the corresponding interrupt vector.
Figure 12.2 shows an Interrupt Vector.
Figure 12.2
Interrupt Vector
12.1.5.1
Fixed Vector Tables
The fixed vector tables are allocated addresses 0FFDCh to 0FFFFh. Table 12.1 lists the Fixed Vector Tables.
The vector addresses (H) of fixed vectors are used by the ID code check function. For details, refer to 18.3
Functions to Prevent Rewriting of Flash Memory.
NOTE:
1. Do not use these interrupts. They are for use by development support tools only.
Table 12.1
Fixed Vector Tables
Interrupt Source
Vector Addresses
Address (L) to (H)
Remarks
Reference
Undefined instruction 0FFDCh to 0FFDFh
Interrupt on UND
instruction
R8C/Tiny Series Software
Manual
Overflow
0FFE0h to 0FFE3h
Interrupt on INTO
instruction
BRK instruction
0FFE4h to 0FFE7h
If the content of address
0FFE7h is FFh, program
execution starts from the
address shown by the
vector in the relocatable
vector table.
Address match
0FFE8h to 0FFEBh
12.4 Address Match Interrupt
Single step(1)
0FFECh to 0FFEFh
• Watchdog timer
• Oscillation stop
detection
• Voltage monitor 2
0FFF0h to 0FFF3h
• 13. Watchdog Timer
• 10. Clock Generation Circuit
• 7. Voltage Detection Circuit
Address break(1)
0FFF4h to 0FFF7h
(Reserved)
0FFF8h to 0FFFBh
Reset
0FFFCh to 0FFFFh
6. Resets
Vector address (L)
Vector address (H)
MSB
LSB
Low address
Mid address
High address
0 0 0 0
0 0 0 0
0 0 0 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com