| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R5F211B3SP bảng dữ liệu(PDF) 85 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F211B3SP bảng dữ liệu(HTML) 85 Page - Renesas Technology Corp |
|
85 / 339 page ![]() R8C/1A Group, R8C/1B Group 10. Clock Generation Circuit Rev.1.30 Dec 08, 2006 Page 69 of 315 REJ09B0252-0130 10.4.1.1 High-Speed Mode The main clock divided by 1 (no division) provides the CPU clock. If the CM14 bit is set to 0 (low-speed on- chip oscillator on) or the HRA00 bit in the HRA0 register is set to 1 (high-speed on-chip oscillator on), fRING and fRING128 can be used as timers X and C. When the HRA00 bit is set to 1, fRING-fast can be used as timer C. When the CM14 bit is set to 0 (low-speed on-chip oscillator on), fRING-S can be used for the watchdog timer and voltage detection circuit. 10.4.1.2 Medium-Speed Mode The main clock divided by 2, 4, 8, or 16 provides the CPU clock. If the CM14 bit is set to 0 (low-speed on-chip oscillator on) or the HRA00 bit in the HRA0 register is set to 1 (high-speed on-chip oscillator on), fRING and fRING128 can be used as timers X and C. When the HRA00 bit is set to 1, fRING-fast can be used as timer C. When the CM14 bit is set to 0 (low-speed on-chip oscillator on), fRING-S can be used for the watchdog timer and voltage detection circuit. 10.4.1.3 High-Speed and Low-Speed On-Chip Oscillator Modes The on-chip oscillator clock divided by 1 (no division), 2, 4, 8, or 16 provides the CPU clock. The on-chip oscillator clock is also the clock source for the peripheral function clocks. When the HRA00 bit is set to 1, fRING-fast can be used as timer C. When the CM14 bit is set to 0 (low-speed on-chip oscillator on), fRING-S can be used for the watchdog timer and voltage detection circuit. 10.4.2 Wait Mode Since the CPU clock stops in wait mode, the CPU which operates using the CPU clock and the watchdog timer when count source protection mode is disabled stop. The main clock and on-chip oscillator clock do not stop and the peripheral functions using these clocks continue operating. 10.4.2.1 Peripheral Function Clock Stop Function If the CM02 bit is set to 1 (peripheral function clock stops in wait mode), the f1, f2, f4, f8, and f32 clocks stop in wait mode. This reduces power consumption. 10.4.2.2 Entering Wait Mode The MCU enters wait mode when the WAIT instruction is executed. 10.4.2.3 Pin Status in Wait Mode The status before wait mode was entered is maintained. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |