| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R5F211B3SP bảng dữ liệu(PDF) 73 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F211B3SP bảng dữ liệu(HTML) 73 Page - Renesas Technology Corp |
|
73 / 339 page ![]() R8C/1A Group, R8C/1B Group 9. Bus Rev.1.30 Dec 08, 2006 Page 57 of 315 REJ09B0252-0130 9. Bus The bus cycles differ when accessing ROM/RAM, and when accessing SFR. Table 9.1 lists Bus Cycles by Access Space of the R8C/1A Group and Table 9.2 lists Bus Cycles by Access Space of the R8C/1B Group. ROM/RAM and SFR are connected to the CPU by an 8-bit bus. When accessing in word (16-bit) units, these areas are accessed twice in 8-bit units. Table 9.3 lists Access Units and Bus Operations. Table 9.3 Access Units and Bus Operations Table 9.1 Bus Cycles by Access Space of the R8C/1A Group Access Area Bus Cycle SFR 2 cycles of CPU clock ROM/RAM 1 cycle of CPU clock Table 9.2 Bus Cycles by Access Space of the R8C/1B Group Access Area Bus Cycle SFR/data flash 2 cycles of CPU clock Program ROM/RAM 1 cycle of CPU clock Area SFR, data flash Even address Byte access ROM (program ROM), RAM Odd address Byte access Even address Word access Odd address Word access CPU clock Data Data Data Data Data Data Data Data Data Even Even Odd Odd Even+1 Even Odd+1 Odd Address Even+1 Odd+1 Odd Data Data Even Data CPU clock Data Address CPU clock Data Address CPU clock Data Address Data CPU clock Address Data CPU clock Address Data CPU clock Address Data CPU clock Address Data |