công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F211B2SP bảng dữ liệu(PDF) 16 Page - Renesas Technology Corp

tên linh kiện R5F211B2SP
Giải thích chi tiết về linh kiện  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER R8C FAMILY / R8C/1x SERIES
PDF  339 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F211B2SP bảng dữ liệu(HTML) 16 Page - Renesas Technology Corp

Back Button R5F211B2SP Datasheet HTML 12Page - Renesas Technology Corp R5F211B2SP Datasheet HTML 13Page - Renesas Technology Corp R5F211B2SP Datasheet HTML 14Page - Renesas Technology Corp R5F211B2SP Datasheet HTML 15Page - Renesas Technology Corp R5F211B2SP Datasheet HTML 16Page - Renesas Technology Corp R5F211B2SP Datasheet HTML 17Page - Renesas Technology Corp R5F211B2SP Datasheet HTML 18Page - Renesas Technology Corp R5F211B2SP Datasheet HTML 19Page - Renesas Technology Corp R5F211B2SP Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 339 page
background image
B - 2
NOTE:
1.
The blank regions, 0100h to 01B2h, and 01C0h to 02FFh
are reserved.
Do not access locations in these regions.
Address
Register
Symbol
Page
0080h
Timer Z Mode Register
TZMR
124
0081h
0082h
0083h
0084h
Timer Z Waveform Output Control Register
PUM
126
0085h
Prescaler Z Register
PREZ
125
0086h
Timer Z Secondary Register
TZSC
125
0087h
Timer Z Primary Register
TZPR
125
0088h
0089h
008Ah
Timer Z Output Control Register
TZOC
126
008Bh
Timer X Mode Register
TXMR
110
008Ch
Prescaler X Register
PREX
111
008Dh
Timer X Register
TX
111
008Eh
Timer Count Source Setting Register
TCSS
111,127
008Fh
0090h
Timer C Register
TC
143
0091h
0092h
0093h
0094h
0095h
0096h
External Input Enable Register
INTEN
91
0097h
0098h
Key Input Enable Register
KIEN
97
0099h
009Ah
Timer C Control Register 0
TCC0
144
009Bh
Timer C Control Register 1
TCC1
145
009Ch
Capture, Compare 0 Register
TM0
143
009Dh
009Eh
Compare 1 Register
TM1
143
009Fh
00A0h
UART0 Transmit/Receive Mode Register
U0MR
155
00A1h
UART0 Bit Rate Register
U0BRG
154
00A2h
UART0 Transmit Buffer Register
U0TB
154
00A3h
00A4h
UART0 Transmit/Receive Control Register 0
U0C0
156
00A5h
UART0 Transmit/Receive Control Register 1
U0C1
157
00A6h
UART0 Receive Buffer Register
U0RB
154
00A7h
00A8h
UART1 Transmit/Receive Mode Register
U1MR
155
00A9h
UART1 Bit Rate Register
U1BRG
154
00AAh
UART1 Transmit Buffer Register
U1TB
154
00ABh
00ACh
UART1 Transmit/Receive Control Register 0
U1C0
156
00ADh
UART1 Transmit/Receive Control Register 1
U1C1
157
00AEh
UART1 Receive Buffer Register
U1RB
154
00AFh
00B0h
UART Transmit/Receive Control Register 2
UCON
157
00B1h
00B2h
00B3h
00B4h
00B5h
00B6h
00B7h
00B8h
SS Control Register H / IIC bus Control
Register 1
SSCRH / ICCR1
172, 202
00B9h
SS Control Register L / IIC bus Control
Register 2
SSCRL / ICCR2
173, 203
00BAh
SS Mode Register / IIC bus Mode Register
SSMR / ICMR
174, 204
00BBh
SS Enable Register / IIC bus Interrupt
Enable Register
SSER / ICIER
175, 205
00BCh
SS Status Register / IIC bus Status Register
SSSR / ICSR
176, 206
00BDh
SS Mode Register 2 / Slave Address
Register
SSMR2 / SAR
177, 207
00BEh
SS Transmit Data Register / IIC bus
Transmit Data Register
SSTDR / ICDRT
178, 207
00BFh
SS Receive Data Register / IIC bus Receive
Data Register
SSRDR / ICDRR
178, 208
Address
Register
Symbol
Page
00C0h
A/D Register
AD
235
00C1h
00C2h
00C3h
00C4h
00C5h
00C6h
00C7h
00C8h
00C9h
00CAh
00CBh
00CCh
00CDh
00CEh
00CFh
00D0h
00D1h
00D2h
00D3h
00D4h
A/D Control Register 2
ADCON2
235
00D5h
00D6h
A/D Control Register 0
ADCON0
234
00D7h
A/D Control Register 1
ADCON1
234
00D8h
00D9h
00DAh
00DBh
00DCh
00DDh
00DEh
00DFh
00E0h
00E1h
Port P1 Register
P1
29
00E2h
00E3h
Port P1 Direction Register
PD1
29
00E4h
00E5h
Port P3 Register
P3
29
00E6h
00E7h
Port P3 Direction Register
PD3
29
00E8h
Port P4 Register
P4
30
00E9h
00EAh
Port P4 Direction Register
PD4
29
00EBh
00ECh
00EDh
00EEh
00EFh
00F0h
00F1h
00F2h
00F3h
00F4h
00F5h
00F6h
00F7h
00F8h
Port Mode Register
PMR
30, 178, 208
00F9h
00FAh
00FBh
00FCh
Pull-Up Control Register 0
PUR0
31
00FDh
Pull-Up Control Register 1
PUR1
31
00FEh
Port P1 Drive Capacity Control Register
DRR
31
00FFh
Timer C Output Control Register
TCOUT
146
01B3h
Flash Memory Control Register 4
FMR4
257
01B4h
01B5h
Flash Memory Control Register 1
FMR1
256
01B6h
01B7h
Flash Memory Control Register 0
FMR0
255
0FFFFh
Optional Function Select Register
OFS
104, 250



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com