công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F211B2SP bảng dữ liệu(PDF) 94 Page - Renesas Technology Corp

tên linh kiện R5F211B2SP
Giải thích chi tiết về linh kiện  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER R8C FAMILY / R8C/1x SERIES
PDF  339 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F211B2SP bảng dữ liệu(HTML) 94 Page - Renesas Technology Corp

Back Button R5F211B2SP Datasheet HTML 90Page - Renesas Technology Corp R5F211B2SP Datasheet HTML 91Page - Renesas Technology Corp R5F211B2SP Datasheet HTML 92Page - Renesas Technology Corp R5F211B2SP Datasheet HTML 93Page - Renesas Technology Corp R5F211B2SP Datasheet HTML 94Page - Renesas Technology Corp R5F211B2SP Datasheet HTML 95Page - Renesas Technology Corp R5F211B2SP Datasheet HTML 96Page - Renesas Technology Corp R5F211B2SP Datasheet HTML 97Page - Renesas Technology Corp R5F211B2SP Datasheet HTML 98Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 339 page
background image
R8C/1A Group, R8C/1B Group
12. Interrupts
Rev.1.30
Dec 08, 2006
Page 78 of 315
REJ09B0252-0130
12. Interrupts
12.1
Interrupt Overview
12.1.1
Types of Interrupts
Figure 12.1 shows the types of Interrupts.
Figure 12.1
Interrupts
• Maskable interrupts:
The interrupt enable flag (I flag) enables or disables these interrupts. The
interrupt priority order can be changed based on the interrupt priority level.
• Non-maskable interrupts:
The interrupt enable flag (I flag) does not enable or disable interrupts. The
interrupt priority order cannot be changed based on interrupt priority level.
Interrupt
(non-maskable interrupt)
Hardware
Software
(non-maskable interrupt)
(maskable interrupt)
Special
Peripheral function(1)
Undefined instruction (UND instruction)
Overflow (INTO instruction)
BRK instruction
INT instruction
Watchdog timer
Oscillation stop detection
Voltage monitor 2
Single step(2)
Address match
NOTES :
1. Peripheral function interrupts in the MCU are used to generate peripheral interrupts.
2. Do not use this interrupt. This is for use with development tools only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com