công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R8C bảng dữ liệu(PDF) 152 Page - Renesas Technology Corp

tên linh kiện R8C
Giải thích chi tiết về linh kiện  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C bảng dữ liệu(HTML) 152 Page - Renesas Technology Corp

Back Button R8C Datasheet HTML 148Page - Renesas Technology Corp R8C Datasheet HTML 149Page - Renesas Technology Corp R8C Datasheet HTML 150Page - Renesas Technology Corp R8C Datasheet HTML 151Page - Renesas Technology Corp R8C Datasheet HTML 152Page - Renesas Technology Corp R8C Datasheet HTML 153Page - Renesas Technology Corp R8C Datasheet HTML 154Page - Renesas Technology Corp R8C Datasheet HTML 155Page - Renesas Technology Corp R8C Datasheet HTML 156Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 199 page
background image
R8C/10 Group
Rev.1.20 Jan 27, 2006
page 142 of 180
REJ09B0019-0120
17.3 Functions To Prevent Flash Memory from Rewriting
To prevent the flash memory from being read or rewritten easily, standard serial I/O mode has an ID code
check function.
17.3.1 ID Code Check Function
Use this function in standard serial I/O mode. Unless the flash memory is blank, the ID codes sent
from the programmer and the ID codes written in the flash memory are compared to see if they match.
If the ID codes do not match, the commands sent from the programmer are not accepted. The ID code
consists of 8-bit data, the areas of which, beginning with the first byte, are 00FFDF16, 00FFE316,
00FFEB16, 00FFEF16, 00FFF316, 00FFF716, and 00FFFB16. Prepare a program in which the ID
codes are preset at these addresses and write it in the flash memory.
Figure 17.2 Address for ID Code Stored
Reset vector
Oscillation stop detection/
watchdog timer vector/
Single step vector
Address match vector
BRK instruction vector
Overflow vector
Undefined instruction vector
ID7
ID6
ID5
ID4
ID3
ID2
ID1
(Reserved)
(Reserved)
00FFFF16 to 00FFFC16
00FFFB16 to 00FFF816
00FFF716 to 00FFF416
00FFF316 to 00FFF016
00FFEF16 to 00FFEC16
00FFEB16 to 00FFE816
00FFE716 to 00FFE416
00FFE316 to 00FFE016
00FFDF16 to 00FFDC16
4 bytes
Address
(Note 1)
NOTES:
1. When write to address 00FFFF16, write “FF16”.
17.3 Functions to Prevent Flash Memory from Rewriting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com