| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R8C bảng dữ liệu(PDF) 42 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C bảng dữ liệu(HTML) 42 Page - Renesas Technology Corp |
|
42 / 199 page ![]() R8C/10 Group 9. Bus Rev.1.20 Jan 27, 2006 page 32 of 180 REJ09B0019-0120 9. Bus During access, the ROM/RAM and the SFR have different bus cycles. Table 9.1 shows bus cycles for access space. The ROM/RAM and SFR are connected to the CPU through an 8-bit bus. When accessing in word (16 bits) units, these spaces are accessed twice in 8-bit units. Table 9.2 shows bus cycles in each access space. Space Even address byte access CPU clock Data Address SFR, Data flash Program ROM/RAM Even Odd Data Data Data Data Data Data Data Data Data Data Data Odd Odd Odd+1 Odd Odd+1 Even Even Even+1 Even+1 Data Address Data Address Data Address Data Address Data Address Data Address Data Address Odd address byte access Even address word access Odd address word access Data Even CPU clock CPU clock CPU clock CPU clock CPU clock CPU clock CPU clock Table 9.1 Bus Cycles for Access Space Access space Bus cycle SFR/Data flash 2 CPU clock cycles Program ROM/RAM 1 CPU clock cycles Table 9.2 Access Unit and Bus Operation |