| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8/300H bảng dữ liệu(PDF) 72 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/300H bảng dữ liệu(HTML) 72 Page - Renesas Technology Corp |
|
72 / 552 page ![]() Section 2 CPU Rev. 3.00 May 15, 2007 Page 40 of 516 REJ09B0152-0300 • Prior to executing BCLR instruction MOV.B #H'3F, R0L MOV.B R0L, @RAM0 MOV.B R0L, @PCR5 The PCR5 value (H'3F) is written to a work area in memory (RAM0) as well as to PCR5. P57 P56 P55 P54 P53 P52 P51 P50 Input/output Input Input Output Output Output Output Output Output Pin state Low level High level Low level Low level Low level Low level Low level Low level PCR5 0 0 1 1 1 1 1 1 PDR5 1 0 0 0 0 0 0 0 RAM0 0 0 1 1 1 1 1 1 • BCLR instruction executed BCLR #0, @RAM0 The BCLR instructions executed for the PCR5 work area (RAM0). • After executing BCLR instruction MOV.B @RAM0, R0L MOV.B R0L, @PCR5 The work area (RAM0) value is written to PCR5. P57 P56 P55 P54 P53 P52 P51 P50 Input/output Input Input Output Output Output Output Output Output Pin state Low level High level Low level Low level Low level Low level Low level High level PCR5 0 0 1 1 1 1 1 0 PDR5 1 0 0 0 0 0 0 0 RAM0 0 0 1 1 1 1 1 0 |