công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8/300H bảng dữ liệu(PDF) 38 Page - Renesas Technology Corp

tên linh kiện H8/300H
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/300H bảng dữ liệu(HTML) 38 Page - Renesas Technology Corp

Back Button H8/300H Datasheet HTML 34Page - Renesas Technology Corp H8/300H Datasheet HTML 35Page - Renesas Technology Corp H8/300H Datasheet HTML 36Page - Renesas Technology Corp H8/300H Datasheet HTML 37Page - Renesas Technology Corp H8/300H Datasheet HTML 38Page - Renesas Technology Corp H8/300H Datasheet HTML 39Page - Renesas Technology Corp H8/300H Datasheet HTML 40Page - Renesas Technology Corp H8/300H Datasheet HTML 41Page - Renesas Technology Corp H8/300H Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 552 page
background image
Section 1 Overview
Rev. 3.00 May 15, 2007 Page 6 of 516
REJ09B0152-0300
Type
Symbol
Pin No. I/O
Functions
AN0 to
AN5
32 to
27
Input
Analog data input pins for the A/D converter.
A/D
converter
ADTRG
9
Input
External trigger input pin for the A/D converter.
COMP0
COMP1
28
27
Input
Analog data input pins for the comparator.
Comparators
VCref
26
Input
Reference voltage pin for external input of threshold
voltage of the comparator analog input pins.
P10 to P12 13 to
15
I/O
3-bit I/O pins. Input or output can be designated for
each bit by means of the port control register 1
(PCR1).
P30 to P32 26 to
24
I/O
3-bit I/O pins. Input or output can be designated for
each bit by means of the port control register 3
(PCR3).
P82 to P84 12 to
10
I/O
3-bit I/O pins. Input or output can be designated for
each bit by means of the port control register 8
(PCR8).
P90 to P93 20 to
23
I/O
4-bit I/O pins. Input or output can be designated for
each bit by means of the port control register 9
(PCR9).
I/O ports
PB0 to PB5 32 to
27
Input
6-bit input-only pins.
E7
E7_0
E7_1
E7_2
19 to
17
E7 emulator interface pins. E7_2 selects whether
the on-chip oscillator is used. E7_2 is pulled up or
down by a 100-k
Ω resistance. For details, see
section 4, Clock Pulse Generators.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com