công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8/300H bảng dữ liệu(PDF) 65 Page - Renesas Technology Corp

tên linh kiện H8/300H
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/300H bảng dữ liệu(HTML) 65 Page - Renesas Technology Corp

Back Button H8/300H Datasheet HTML 61Page - Renesas Technology Corp H8/300H Datasheet HTML 62Page - Renesas Technology Corp H8/300H Datasheet HTML 63Page - Renesas Technology Corp H8/300H Datasheet HTML 64Page - Renesas Technology Corp H8/300H Datasheet HTML 65Page - Renesas Technology Corp H8/300H Datasheet HTML 66Page - Renesas Technology Corp H8/300H Datasheet HTML 67Page - Renesas Technology Corp H8/300H Datasheet HTML 68Page - Renesas Technology Corp H8/300H Datasheet HTML 69Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 552 page
background image
Section 2 CPU
Rev. 3.00 May 15, 2007 Page 33 of 516
REJ09B0152-0300
2.6.2
On-Chip Peripheral Modules
On-chip peripheral modules are accessed in two states or three states. The data bus width is 8 bits
or 16 bits depending on the register. For description on the data bus width and number of
accessing states of each register, refer to section 20.1, Register Addresses (Address Order).
Registers with 16-bit data bus width can be accessed by word size only. Registers with 8-bit data
bus width can be accessed by byte or word size. When a register with 8-bit data bus width is
accessed by word size, a bus cycle occurs twice. In two-state access, the operation timing is the
same as that for on-chip memory.
Figure 2.10 shows the operation timing in the case of three-state access to an on-chip peripheral
module.
T1 state
Bus cycle
Internal
address bus
Internal
read signal
Internal
data bus
(read access)
Internal
write signal
Read data
Address
Internal
data bus
(write access)
T2 state
T3 state
Write data
SUB
φ or φ
Figure 2.10 On-Chip Peripheral Module Access Cycle (3-State Access)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com