| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M66596FP bảng dữ liệu(PDF) 109 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M66596FP bảng dữ liệu(HTML) 109 Page - Renesas Technology Corp |
|
109 / 131 page ![]() M66596FP/WG rev .1.00 2006.3.14 page 109 of 127 4.9.3 DMA access timing(when a cycle steal transfer and separate bus are set) 4.9.3.1 DMA cycle steal transfer write timing (when a CPU bus address is not used: DFORM=010) 17 tdis (CTRL - Dreq) twh (Dreq) 20 tw (CTRL) 39 tsu (D) th (D) 43 44 DREQi_N (i=0,1) DACKi_N (i=0,1) D15-D0 Note 3-2 Note 3-1 ten (CTRL - Dreq) 19 tsu (Dend) th (Dend) 45 46 DENDi_N (i=0,1) Note 3-8 Data determination DENDi determination WR1_N, WR0_N 4.9.3.2 DMA cycle steal transfer read timing(when a CPU bus address is not used: DFORM=010) tdis (CTRL - Dreq) twh (Dreq) 20 twr (CTRL) ten (CTRL - Dreq) 42 tv (CTRL - D) tdis (CTRL - D) ten (CTRL - D) 4 6 19 ta (CTRL - D) DREQi_N (i=0,1) DACKi_N (i=0,1) D15-D0 Note 3-3 17 5 DENDi_N determination ta (CTRL - DendV) 11 tv (CTRL - DendV) 12 3 Note 3-8 Data determination Note 3-1 RD_N DENDi_N (i=0,1) Note 3-9 |