công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M38B73MB bảng dữ liệu(PDF) 19 Page - Renesas Technology Corp

tên linh kiện M38B73MB
Giải thích chi tiết về linh kiện  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38B73MB bảng dữ liệu(HTML) 19 Page - Renesas Technology Corp

Back Button M38B73MB Datasheet HTML 15Page - Renesas Technology Corp M38B73MB Datasheet HTML 16Page - Renesas Technology Corp M38B73MB Datasheet HTML 17Page - Renesas Technology Corp M38B73MB Datasheet HTML 18Page - Renesas Technology Corp M38B73MB Datasheet HTML 19Page - Renesas Technology Corp M38B73MB Datasheet HTML 20Page - Renesas Technology Corp M38B73MB Datasheet HTML 21Page - Renesas Technology Corp M38B73MB Datasheet HTML 22Page - Renesas Technology Corp M38B73MB Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 110 page
background image
38B7 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
18
Fig. 12 Port block diagram (2)
(8) Ports P74 to P76
Timer 1 output selection bit
Timer 3 output selection bit
Timer 6 output selection bit
(11) Port P81
Port P80
(10) Port P80
(9) Port P77
(13) Ports P91, P92
SOUT or SCLK
P92
(14) Port P93
(7) Port P73
INT3 interrupt input
(12) Port P83
CNTR0, CNTR2 input
Data bus
Port latch
Direction register
Dimmer output
control bit
Dimmer signal output
Pull-up control
Pull-up control
Data bus
Port latch
Direction register
Timer 1 output
Timer 3 output
Timer 6 output
Data bus
Port latch
Direction register
Buzzer control signal
Pull-up control
Buzzer signal output
INT4 interrupt input
Data bus
Port latch
Direction register
Pull-up control
Port Xc switch bit
Sub-clock generating circuit input
Port Xc switch bit
Data bus
Port latch
Direction register
Pull-up control
Port Xc switch bit
Oscillator
Data bus
Port latch
Direction register
Timer X operating mode bits
Timer X output
Pull-up control
SRDY3 output enable bit
Pull-up control
Data bus
Port latch
Direction register
Serial ready output
A-D conversion input
Analog input pin selection bits
Data bus
Port latch
Direction register
P-channel output disable signal (P91)
Output OFF control signal
Serial I/O3 selection signal
Pull-up control
Serial clock input
A-D conversion input
Analog input pin selection bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com