công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M38B73MB bảng dữ liệu(PDF) 7 Page - Renesas Technology Corp

tên linh kiện M38B73MB
Giải thích chi tiết về linh kiện  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38B73MB bảng dữ liệu(HTML) 7 Page - Renesas Technology Corp

Back Button M38B73MB Datasheet HTML 3Page - Renesas Technology Corp M38B73MB Datasheet HTML 4Page - Renesas Technology Corp M38B73MB Datasheet HTML 5Page - Renesas Technology Corp M38B73MB Datasheet HTML 6Page - Renesas Technology Corp M38B73MB Datasheet HTML 7Page - Renesas Technology Corp M38B73MB Datasheet HTML 8Page - Renesas Technology Corp M38B73MB Datasheet HTML 9Page - Renesas Technology Corp M38B73MB Datasheet HTML 10Page - Renesas Technology Corp M38B73MB Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 110 page
background image
38B7 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
6
Fig. 3 Part numbering
M38B7 9 M F H - AXXX FP
Product
Package type
FP : 100P6S-A package
ROM number
Omitted in Flash memory version
ROM/Flash memory size
1
2
3
4
5
6
7
8
9
A
B
C
D
E
F
: 4096 bytes
: 8192 bytes
: 12288 bytes
: 16384 bytes
: 20480 bytes
: 24576 bytes
: 28672 bytes
: 32768 bytes
: 36864 bytes
: 40960 bytes
: 45056 bytes
: 49152 bytes
: 53248 bytes
: 57344 bytes
: 61440 bytes
The first 128 bytes and the last 2 bytes of ROM
are reserved areas ; they cannot be used for
users.
Memory type
M
F
: Mask ROM version
: Flash memory version
RAM size
0
1
2
3
4
5
6
7
8
9
: 192 bytes
: 256 bytes
: 384 bytes
: 512 bytes
: 640 bytes
: 768 bytes
: 896 bytes
: 1024 bytes
: 1536 bytes
: 2048 bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More