công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M38B73MB bảng dữ liệu(PDF) 83 Page - Renesas Technology Corp

tên linh kiện M38B73MB
Giải thích chi tiết về linh kiện  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38B73MB bảng dữ liệu(HTML) 83 Page - Renesas Technology Corp

Back Button M38B73MB Datasheet HTML 79Page - Renesas Technology Corp M38B73MB Datasheet HTML 80Page - Renesas Technology Corp M38B73MB Datasheet HTML 81Page - Renesas Technology Corp M38B73MB Datasheet HTML 82Page - Renesas Technology Corp M38B73MB Datasheet HTML 83Page - Renesas Technology Corp M38B73MB Datasheet HTML 84Page - Renesas Technology Corp M38B73MB Datasheet HTML 85Page - Renesas Technology Corp M38B73MB Datasheet HTML 86Page - Renesas Technology Corp M38B73MB Datasheet HTML 87Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 110 page
background image
82
38B7 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
q Program command
The microcomputer enters the program mode by inputting com-
mand code “4016” in the first cycle. The command code is latched
___
into the internal command latch at the rising edge of the WE input.
When the address which indicates a program location and data is
input in the second cycle, the M38B79FF internally latches the ad-
___
dress at the falling edge of the WE input and the data at the rising
___
edge of the WE input. The M38B79FF starts programming at the
___
rising edge of the WE input in the second cycle and finishes pro-
gramming within 10
µs as measured by its internal timer.
Programming is performed in units of bytes.
Note: A programming operation is not completed by executing the
program command once. Always be sure to execute a pro-
gram verify command after executing the program command.
When the failure is found in this verification, the user must re-
peatedly execute the program command until the pass. Refer
to Figure 90 for the programming flowchart.
q Program verify command
The microcomputer enters the program verify mode by inputting
command code “C016” in the first cycle. This command is used to
verify the programmed data after executing the program com-
mand. The command code is latched into the internal command
___
latch at the rising edge of the WE input. When control signals are
input in the second cycle at the timing shown in Figure 88, the
M38B79FF outputs the programmed address’s contents to the ex-
ternal. Since the address is internally latched when the program
command is executed, there is no need to input it in the second
cycle.
Fig. 88 Input/output timings during programming (Verify data is output at the same timing as for read.)
Address
Program
Program verify
Program
address
tWC
tCS
tRRW
tWP
tWPH
tWP
tDP
tDS
4016
DIN
C016
Dout
tDS
tDH
tDH
Verify data output
tDH
tVSC
tDS
tWP
tWRR
tCS
tCS
tCH
tCH
tCH
tAS
tAH
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
VPPH
VPPL
CE
OE
WE
Data
VPP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com