| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
4553 bảng dữ liệu(PDF) 25 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
4553 bảng dữ liệu(HTML) 25 Page - Renesas Technology Corp |
|
25 / 145 page ![]() Rev.3.02 Dec 22, 2006 page 25 of 142 REJ03B0024-0302 4553 Group Table 7 External interrupt activated conditions Name External 0 interrupt Input pin D5/INT Activated condition When the next waveform is input to D5/INT pin • Falling waveform (“H” →“L”) • Rising waveform (“L” →“H”) • Both rising and falling waveforms Valid waveform selection bit I11 I12 Fig. 17 External interrupt circuit structure EXTERNAL INTERRUPTS The 4553 Group has the external 0 interrupt. An external interrupt request occurs when a valid waveform is input to an interrupt input pin (edge detection). The external interrupt can be controlled with the interrupt control register I1. Rising 0 1 Falling I12 One-sided edge detection circuit Key-on wakeup 0 1 EXF0 External 0 interrupt I11 D5/INT K20 Timer 1 count start synchronous circuit I13 (Note 1) Level detection circuit Edge detection circuit 0 1 K21 Skip decision (SNZI0 instruction) Both edges detection circuit This symbol represents a parasitic diode on the port. Notes 1: (Note 2) (Note 3) 2: I12 (I22) = 0: “L” level detected I12 (I22) = 1: “H” level detected 3: I12 (I22) = 0: Falling edge detected I12 (I22) = 1: Rising edge detected |