| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
4553 bảng dữ liệu(PDF) 80 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
4553 bảng dữ liệu(HTML) 80 Page - Renesas Technology Corp |
|
80 / 145 page ![]() Skip condition Number of cycles Number of words Instruction code D9 D0 Flag CY 2 16 Skip condition Number of cycles Number of words Instruction code D9 D0 Flag CY 2 16 Skip condition Number of cycles Number of words Instruction code D9 D0 Flag CY 2 16 Skip condition Number of cycles Number of words Instruction code D9 D0 Flag CY 2 16 Rev.3.02 Dec 22, 2006 page 80 of 142 REJ03B0024-0302 4553 Group B a (Branch to address a) 011a6 a5 a4 a3 a2 a1 a0 1a 11 – – Grouping: Branch operation Description: Branch within a page : Branches to address a in the identical page. Note: Specify the branch address within the page including this instruction. Operation: (PCL) ← a6 to a0 BL p, a (Branch Long to address a in page p) 00111p4 p3 p2 p1 p0 0p 22 –– Grouping: Branch operation Description: Branch out of a page : Branches to address a in page p. Note: p is 0 to 31 for M34553M4/M4H and p is 0 to 63 for M34553M8/M8H/G8/G8H. Operation: (PCH) ← p (PCL) ← a6 to a0 BLA p (Branch Long to address (D) + (A) in page p) 0000010000 010 22 –– Grouping: Branch operation Description: Branch out of a page : Branches to address (DR2 DR1 DR0 A3 A2 A1 A0)2 specified by registers D and A in page p. Note: p is 0 to 31 for M34553M4/M4H and p is 0 to 63 for M34553M8/M8H/G8/G8H. 8 +a 2 16 10p5 a6 a5 a4 a3 a2 a1 a0 2a E +p Operation: (PCH) ← p (PCL) ← (DR2–DR0, A3–A0) 2 16 10p5 p4 00p3 p2 p1 p0 2pp MACHINE INSTRUCTIONS (INDEX BY ALPHABET) (continued) p +a BM a (Branch and Mark to address a in page 2) 010a6 a5 a4 a3 a2 a1 a0 1aa 11 – – Grouping: Subroutine call operation Description: Call the subroutine in page 2 : Calls the subroutine at address a in page 2. Note: Subroutine extending from page 2 to an- other page can also be called with the BM instruction when it starts on page 2. Be careful not to over the stack because the maximum level of subroutine nesting is 8. Operation: (SP) ← (SP) + 1 (SK(SP)) ← (PC) (PCH) ← 2 (PCL) ← a6–a0 |