| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
4553 bảng dữ liệu(PDF) 121 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
4553 bảng dữ liệu(HTML) 121 Page - Renesas Technology Corp |
|
121 / 145 page ![]() Skip condition Datailed description Rev.3.02 Dec 22, 2006 page 121 of 142 REJ03B0024-0302 4553 Group Transfers the input of port P0 to register A. Outputs the contents of register A to port P0. Transfers the input of port P1 to register A. Outputs the contents of register A to port P1. Transfers the input of port P2 to register A. Outputs the contents of register A to port P2. Sets (1) to all port D. Clears (0) to a bit of port D specified by register Y. Sets (1) to a bit of port D specified by register Y. Skips the next instruction when a bit of port D specified by register Y is “0.” Executes the next instruction when a bit of port D specified by register Y is “1.” Clears (0) to port C. Sets (1) to port C. Transfers the contents of pull-up control register PU0 to register A. Transfers the contents of register A to pull-up control register PU0. Transfers the contents of pull-up control register PU1 to register A. Transfers the contents of register A to pull-up control register PU1. Transfers the contents of key-on wakeup control register K0 to register A. Transfers the contents of register A to key-on wakeup control register K0. Transfers the contents of key-on wakeup control register K1 to register A. Transfers the contents of register A to key-on wakeup control register K1. Transfers the contents of key-on wakeup control register K2 to register A. Transfers the contents of register A to key-on wakeup control register K2. Transferts the contents of register A to port output structure control register FR0. Transferts the contents of register A to port output structure control register FR1. Transferts the contents of register A to port output structure control register FR2. – – – – – – – – – (D(Y)) = 0 However, (Y)=0 to 5 – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |