| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
4513 bảng dữ liệu(PDF) 86 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
4513 bảng dữ liệu(HTML) 86 Page - Renesas Technology Corp |
|
86 / 97 page ![]() 85 4513/4514 Group SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER MITSUBISHI MICROCOMPUTERS K03 K02 K01 K00 Key-on wakeup control register K0 PU03 PU02 PU01 PU00 Key-on wakeup not used Key-on wakeup used Key-on wakeup not used Key-on wakeup used Key-on wakeup not used Key-on wakeup used Key-on wakeup not used Key-on wakeup used Pins P12 and P13 key-on wakeup control bit Pins P10 and P11 key-on wakeup control bit Pins P02 and P03 key-on wakeup control bit Pins P00 and P01 key-on wakeup control bit at reset : 00002 at RAM back-up : state retained 0 1 0 1 0 1 0 1 Pull-up transistor OFF Pull-up transistor ON Pull-up transistor OFF Pull-up transistor ON Pull-up transistor OFF Pull-up transistor ON Pull-up transistor OFF Pull-up transistor ON Pins P12 and P13 pull-up transistor control bit Pins P10 and P11 pull-up transistor control bit Pins P02 and P03 pull-up transistor control bit Pins P00 and P01 pull-up transistor control bit R/W Pull-up control register PU0 at reset : 00002 at RAM back-up : state retained 0 1 0 1 0 1 0 1 R/W Notes 1: “R” represents read enabled, and “W” represents write enabled. 2: The 4513 Group does not have the direction register FR0. FR03 FR02 FR01 FR00 Port P53 input Port P53 output Port P52 input Port P52 output Port P51 input Port P51 output Port P50 input Port P50 output Port P53 input/output control bit Port P52 input/output control bit Port P51 input/output control bit Port P50 input/output control bit Direction register FR0 (Note 2) at reset : 00002 at RAM back-up : state retained 0 1 0 1 0 1 0 1 W |