công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

7477 bảng dữ liệu(PDF) 14 Page - Renesas Technology Corp

tên linh kiện 7477
Giải thích chi tiết về linh kiện  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 bảng dữ liệu(HTML) 14 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 10Page - Renesas Technology Corp 7477 Datasheet HTML 11Page - Renesas Technology Corp 7477 Datasheet HTML 12Page - Renesas Technology Corp 7477 Datasheet HTML 13Page - Renesas Technology Corp 7477 Datasheet HTML 14Page - Renesas Technology Corp 7477 Datasheet HTML 15Page - Renesas Technology Corp 7477 Datasheet HTML 16Page - Renesas Technology Corp 7477 Datasheet HTML 17Page - Renesas Technology Corp 7477 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
13
MITSUBISHI MICROCOMPUTERS
7477/ 7478 GROUP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Fig. 5 Interrupt control
Fig. 4 Structure of registers related to interrupt
Interrupt request bit
Interrupt enable bit
Interrupt disable flag I
BRK instruction
Reset
Interrupt request
b7
b0
Edge polarity selection register (EG)
(Address 00D416)
INT0 edge selection bit
INT1 edge selection bit
CNTR0 edge selection bit
CNTR1 edge selection bit
0 : Falling edge
1 : Rising edge
CNTR0/CNTR1 interrupt selection bit
0 : CNTR0
1 : CNTR1
INT1 source selection bit (at power-down state)
0 : P31/INT1
1 : P00 – P07 “L” level (for key-on wake-up)
Nothing is allocated (The value is undefined at reading)
b7
b0
Interrupt request register 1
(Address 00FC16)
Timer 1 interrupt request bit
Timer 2 interrupt request bit
Timer 3 interrupt request bit
Timer 4 interrupt request bit
Nothing is allocated
(The value is undefined at reading)
Serial I/O receive interrupt request bit
Serial I/O transmit interrupt request bit
A-D conversion completion interrupt request bit
b7
b0
Interrupt control register 1
(Address 00FE16)
Timer 1 interrupt enable bit
Timer 2 interrupt enable bit
Timer 3 interrupt enable bit
Timer 4 interrupt enable bit
Nothing is allocated
(The value is undefined at reading)
Serial I/O receive interrupt enable bit
Serial I/O transmit interrupt enable bit
A-D conversion completion interrupt enable bit
b7
b0
Interrupt request register 2
(Address 00FD16)
INT0 interrupt request bit
INT1 interrupt request bit
Nothing is allocated
(The value is undefined at reading)
CNTR0 or CNTR1 interrupt request bit
0 : No interrupt request
1 : Interrupt requested
b7
b0
Interrupt control register 2
(Address 00FF16)
INT0 interrupt enable bit
INT1 interrupt enable bit
Nothing is allocated
(The value is undefined at reading)
CNTR0 or CNTR1 interrupt enable bit
0 : Interrupt disable
1 : Interrupt enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48