| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
7477 bảng dữ liệu(PDF) 11 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7477 bảng dữ liệu(HTML) 11 Page - Renesas Technology Corp |
|
11 / 48 page ![]() 10 MITSUBISHI MICROCOMPUTERS 7477/ 7478 GROUP SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER MEMORY • Special Function Register (SFR) Area The special function register (SFR) area contains the registers relating to functions such as I/O ports and timers. • RAM RAM is used for data storage as well as a stack area. • ROM ROM is used for storing user programs as well as the interrupt vector area. Fig. 2 Memory map • Interrupt Vector Area The interrupt vector area is for storing jump destination ad- dresses used at reset or when an interrupt is generated. • Zero Page Zero page addressing mode is useful because it enables access to this area with fewer instruction cycles. • Special Page Special page addressing mode is useful because it enables ac- cess to this area with fewer instruction cycles. RAM (192 bytes) for M37477M8/E8 M37478M8/E8 SFR area Not used Interrupt vector area 000016 007F16 00BF16 00FF16 010016 01BF16 C00016 E00016 F00016 FF0016 FFE816 FFFF16 Zero page Special page RAM (128 bytes) for M37477M2T M37478M2T ROM (16384 bytes) for M37477M8/E8 M37478M8/E8 ROM (8192 bytes) for M37477M4 M37478M4 ROM (4096 bytes) for M37477M2T M37478M2T RAM (192 bytes) for M37477M4 M37477M8/E8 M37478M4 M37478M8/E8 |