| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
7477 bảng dữ liệu(PDF) 36 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7477 bảng dữ liệu(HTML) 36 Page - Renesas Technology Corp |
|
36 / 48 page ![]() 35 MITSUBISHI MICROCOMPUTERS 7477/ 7478 GROUP SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER STP instruction preparation (pushing registers) ↓ Timer 3, timer 4 interrupt disable ↓ X/16 or XC/16 selected for timer 3 count source; timer 3 overflow selected for timer 4 count source ↓ Timer 3, timer 4 start counting ↓ Values set to timer 3, timer 4 that do not cause timer 4 to overflow until STP instruction is executed ↓ Interrupt for return from STP enabled ↓ Timer 4 interrupt request bit cleared ↓ Clock X and clock for clock function XC halt (STP instruction) RAM backup status Interrupts from INT0, INT1, CNTR0/CNTR1, timer 1, timer 2, serial I/O, key on wake up ↓ Clock X and clock for clock function XC oscillation start ↓ Timer 4 overflow (X/16 or XC/16 →timer 3→timer 4) ↓ Internal system clock start ↓ Program start from interrupt vector Normal program |