| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HD404328FS bảng dữ liệu(PDF) 28 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD404328FS bảng dữ liệu(HTML) 28 Page - Renesas Technology Corp |
|
28 / 103 page ![]() HD404054 Series/HD404094 Series 26 Stop mode Oscillator Internal clock STOP instruction execution tres ≥ tRC (stabilization period) tres , STOP or RESET Figure 13 Timing of Stop Mode Cancellation Stop Mode Cancellation by STOPC: The MCU enters active mode from stop mode by inputting STOPC as well as by RESET. In either case, the MCU starts instruction execution from the starting address (address 0) of the program. However, the value of the RAM enable flag (RAME: $021, bit 3) differs between cancellation by STOPC and by RESET. When stop mode is cancelled by RESET, RAME = 0; when cancelled by STOPC, RAME = 1. RESET can cancel all modes, but STOPC is valid only in stop mode; STOPC input is ignored in other modes. Therefore, when the program requires to confirm that stop mode has been cancelled by STOPC (for example, when the RAM contents before entering stop mode is used after transition to active mode), execute the TEST instruction to the RAM enable flag (RAME) at the beginning of the program. MCU Operation Sequence: The MCU operates in the sequences shown in figures 14 to 16. It is reset by an asynchronous RESET input, regardless of its status. The low-power mode operation sequence is shown in figure 16. With the IE flag cleared and an interrupt flag set together with its interrupt mask cleared, if a STOP/SBY instruction is executed, the instruction is cancelled (regarded as an NOP) and the following instruction is executed. Before executing a STOP/SBY instruction, make sure all interrupt flags are cleared or all interrupts are masked. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |