công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HD404328FS bảng dữ liệu(PDF) 95 Page - Renesas Technology Corp

tên linh kiện HD404328FS
Giải thích chi tiết về linh kiện  microcomputer designed to increase program productivity
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404328FS bảng dữ liệu(HTML) 95 Page - Renesas Technology Corp

Back Button HD404328FS Datasheet HTML 91Page - Renesas Technology Corp HD404328FS Datasheet HTML 92Page - Renesas Technology Corp HD404328FS Datasheet HTML 93Page - Renesas Technology Corp HD404328FS Datasheet HTML 94Page - Renesas Technology Corp HD404328FS Datasheet HTML 95Page - Renesas Technology Corp HD404328FS Datasheet HTML 96Page - Renesas Technology Corp HD404328FS Datasheet HTML 97Page - Renesas Technology Corp HD404328FS Datasheet HTML 98Page - Renesas Technology Corp HD404328FS Datasheet HTML 99Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 103 page
background image
HD404054 Series/HD404094 Series
93
Item
Symbol Pin(s)
Min
Typ
Max
Unit
Test Condition
Notes
Input capacitance
C
in
All pins except
D
13 D4–D 7
—
—
15
pF
f = 1 MHz, V
in = 0 V
D
4–D 7
—
—
30
pF
f = 1 MHz, V
in = 0 V
D13
—
—
15
pF
f = 1 MHz, V
in = 0 V:
HD404052, HD404054,
HD404092, HD404094,
HD40A4052,HD40A4054
—
—
180
pF
f = 1 MHz, V
in = 0 V:
HD4074054, HD4074094
Analog comparator
stabilization time
t
CSTB
COMP
0,
COMP
1
——
2
t
cyc
V
CC = 2.7 V to 5.5 V:
HD4074054, HD4074094
9
V
CC = 2.7 V to 6.0 V:
HD404052, HD404054,
HD404092, HD404094
——
4
t
cyc
V
CC = 4.0 V to 6.0 V:
HD40A4052,HD40A4054
11
—
—
20
t
cyc
V
CC = 1.8 V to 2.7 V:
HD404052, HD404054,
HD404092, HD404094
Notes: 1. Applies to HD404052, HD404054, HD4074054, HD404092, HD404094, HD4074094.
2. Applies to HD40A4052, HD40A4054.
3. SEL = 1
4. SEL = 0
5. The oscillation stabilization time is the period required for the oscillator to stabilize after V
CC
reaches 2.7 (HD4074054, HD4074094)/1.8 (HD404052, HD404054, HD404092, HD404094) /4.0
(HD40A4052, HD40A4054)V at power-on, or after
RESET input goes low or STOPC input goes
low when stop mode is cancelled. At power-on or when stop mode is cancelled,
RESET or
STOPC must be input for at least t
RC to ensure the oscillation stabilization time.
If using a
ceramic oscillator, contact its manufacturer to determine what stabilization time is required, since
it will depend on the circuit constants and stray capacitance.
6. Applies to ceramic oscillator only.
7. Refer to figure 68.
8. Refer to figure 69.
9. Refer to figure 70.
10. Refer to figure 71.
11. Analog comparator stabilization time is the period for the analog comparator to stabilize and for
correct data to be read after entering RD
0/COMP0, RD1/COMP1 into analog input mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com