| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HD404328FS bảng dữ liệu(PDF) 25 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD404328FS bảng dữ liệu(HTML) 25 Page - Renesas Technology Corp |
|
25 / 103 page ![]() HD404054 Series/HD404094 Series 23 Operating Modes The MCU has Three operating modes as shown in table 15. The operations in each mode are listed in tables 16 and 17. Transitions between operating modes are shown in figure 11. Table 15 Operating Modes and Clock Status Mode Name Active Standby Stop Activation method RESET cancellation, interrupt request, STOPC cancellation in stop mode SBY instruction STOP instruction Status System oscillator OP OP Stopped Cancellation method RESET input, STOP/SBY instruction RESET input, interrupt request RESET input, STOPC input in stop mode Note: OP implies in operation Table 16 Operations in Low-Power Dissipation Modes Function Stop Mode Standby Mode CPU Reset Retained RAM Retained Retained Timer A Reset OP Timer C Reset OP Timer D Reset OP Serial interface 1 Reset OP Comparator Reset Stopped I/O Reset* Retained Note: OP implies in operation * Output pins are at high impedance. Table 17 I/O Status in Low-Power Dissipation Modes Output Input Standby Mode Stop Mode Active Mode D 0–D 9 Retained High impedance Input enabled D 12, D13, RC0, RD 0–RD3, RE 0 — — Input enabled R0–R4 Retained or output of peripheral functions High impedance Input enabled |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |