công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HD404618FS bảng dữ liệu(PDF) 25 Page - Renesas Technology Corp

tên linh kiện HD404618FS
Giải thích chi tiết về linh kiện  4-Bit Single-Chip Microcomputer
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404618FS bảng dữ liệu(HTML) 25 Page - Renesas Technology Corp

Back Button HD404618FS Datasheet HTML 21Page - Renesas Technology Corp HD404618FS Datasheet HTML 22Page - Renesas Technology Corp HD404618FS Datasheet HTML 23Page - Renesas Technology Corp HD404618FS Datasheet HTML 24Page - Renesas Technology Corp HD404618FS Datasheet HTML 25Page - Renesas Technology Corp HD404618FS Datasheet HTML 26Page - Renesas Technology Corp HD404618FS Datasheet HTML 27Page - Renesas Technology Corp HD404618FS Datasheet HTML 28Page - Renesas Technology Corp HD404618FS Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 91 page
background image
HD404618 Series
23
Table 12 Timer C Interrupt Mask
IMTC
Interrupt Request
0
Enabled
1
Disabled (masked)
Serial Interrupt Request Flag (IFS: $003,Bit 0): Set when the octal counter counts the eighth transmit
clock signal or when data transmit is discontinued by resetting the octal counter, as shown in table 13.
Table 13 Serial Interrupt Request Flag
IFS
Interrupt Request
0No
1
Yes
Serial Interrupt Mask (IMS: $003, Bit 1): Prevents (masks) an interrupt request caused by the serial
interrupt request flag, as shown intable 14.
Table 14 Serial Interrupt Mask
IMS
Interrupt Request
0
Enabled
1
Disabled (masked)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91