| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HD404618FS bảng dữ liệu(PDF) 37 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD404618FS bảng dữ liệu(HTML) 37 Page - Renesas Technology Corp |
|
37 / 91 page ![]() HD404618 Series 35 Internal Oscillator Circuit Figure 21 shows a block diagram of the internal oscillator circuit. A ceramic oscillator can be connected to OSC 1 and OSC2, and a 32.768-kHz crystal oscillator can be connected to X1 and X2. The system oscillator can also be operated by an external clock. f OSC X2 X1 Subsystem oscillator Divider (1/4) Divider (1/8) Mode control circuit Timing generator OSC f X cyc f SUB f Timing generator System clock (ø ) CPU System clock (ø ) PER Timer-base clock (ø ) CLK OSC System oscillator 1 2 Figure 21 Internal Oscillator Circuit D0 RESET OSC2 OSC1 VCC VTref COMP1/D13 TEST X1 X2 GND SCK/R00 GND Figure 22 Layout of Crystal and Ceramic Oscillators |