| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HD404618FS bảng dữ liệu(PDF) 24 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD404618FS bảng dữ liệu(HTML) 24 Page - Renesas Technology Corp |
|
24 / 91 page ![]() HD404618 Series 22 Timer A Interrupt Mask (IMTA: $001, Bit 3): Prevents (masks) an interrupt request caused by the timer A interrupt request flag, as shown in table 8. Table 8 Timer A Interrupt Mask IMTA Interrupt Request 0 Enabled 1 Disabled (masked) Timer B Interrupt Request Flag (IFTB: $002, Bit 0): Set by overflow output from timer B as shown in table 9. Table 9 Timer B Interrupt Request Flag IFTB Interrupt Request 0No 1 Yes Timer B Interrupt Mask (IMTB: $002, Bit 1): Prevents (masks) an interrupt request caused by the timer B interrupt request flag, as shown in table 10. Table 10 Timer B Interrupt Mask IMTB Interrupt Request 0 Enabled 1 Disabled (masked) Timer C Interrupt Request Flag (IFTC: $002, Bit 2): Set by overflow output from timer C as shown in table 11. Table 11 Timer C Interrupt Request Flag IFTC Interrupt Request 0No 1 Yes Timer C Interrupt Mask (IMTC: $002, Bit 3): Prevents (masks) an interrupt request caused by the timer C interrupt request flag, as shown in table 12. |