| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HS4318ESS01H bảng dữ liệu(PDF) 9 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HS4318ESS01H bảng dữ liệu(HTML) 9 Page - Renesas Technology Corp |
|
9 / 68 page ![]() HD404318 Series 7 Block Diagram D0 D1 D2 D3 D4 D5 D6 D7 D8 R00 R01 R02 R03 R10 R11 R12 R13 R20 R21 R22 R23 R30 R31 R32 R33 R40 R41 R42 R43 R80 R81 R82 R83 RA1 ROM (4,096 × 10 bits) (6,144 × 10 bits) (8,192 × 10 bits) PC (14 bits) Instruction decoder SP (10 bits) B (4 bits) A (4 bits) ST (1 bit) CA (1 bit) ALU SPY (4 bits) Y (4 bits) SPX (4 bits) X (4 bits) W (2 bits) RAM (384 × 4 bits) System control Interrupt control Timer A Timer B Timer C Serial interface A/D converter Buzzer BUZZ AVCC AN7 AVSS AN0 • • • • • • SI SO SCK TOC EVNB INT0 INT1 Data bus High voltage pin Directional signal line |