| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HS4318ESS01H bảng dữ liệu(PDF) 47 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HS4318ESS01H bảng dữ liệu(HTML) 47 Page - Renesas Technology Corp |
|
47 / 68 page ![]() HD404318 Series 45 , State MCU reset PMRA write SMR write PMRC write SCK pin STS wait state Transmit clock wait state Transfer state Transmit clock wait state STS wait state Port selection External clock selection Output level control in idle states Dummy write for state transition Output level control in idle states Data write for transmission Undefined LSB MSB Flag reset at transfer completion External clock mode ! " State MCU reset PMRA write SMR write PMRC write STS wait state Transfer state Transmit clock wait state STS wait state Port selection Internal clock selection Output level control in idle states Data write for transmission Output level control in idle states Undefined LSB MSB Flag reset at transfer completion Internal clock mode (input) instruction write SRL, SRU STS SO pin IFS SCK pin (output) instruction write SRL, SRU STS SO pin IFS Figure 36 Example of Serial Interface Operation Sequence |