công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STA308A bảng dữ liệu(PDF) 56 Page - STMicroelectronics

tên linh kiện STA308A
Giải thích chi tiết về linh kiện  Multi-channel digital audio processor with DDX TM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA308A bảng dữ liệu(HTML) 56 Page - STMicroelectronics

Back Button STA308A Datasheet HTML 52Page - STMicroelectronics STA308A Datasheet HTML 53Page - STMicroelectronics STA308A Datasheet HTML 54Page - STMicroelectronics STA308A Datasheet HTML 55Page - STMicroelectronics STA308A Datasheet HTML 56Page - STMicroelectronics STA308A Datasheet HTML 57Page - STMicroelectronics STA308A Datasheet HTML 58Page - STMicroelectronics STA308A Datasheet HTML 59Page - STMicroelectronics STA308A Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 63 page
background image
Equalization and mixing
STA308A
56/63
8
Equalization and mixing
Figure 8.
Channel mixer
8.1
Post-scale
The STA308A provides one additional multiplication after the last interpolation stage and
before the distortion compensation on each channel. This is a 24-bit signed fractional
multiply.
The scale factor for this multiply is loaded into RAM using the same I2C registers as the
biquad coefficients and the bass-management.
This post-scale factor can be used in conjunction with an ADC equipped micro-controller to
perform power-supply error correction. All channels can use the channel 1 by setting the
post-scale link bit.
Channel 1
Channel 2
Channel 3
Channel 4
Channel 5
Channel 6
Channel 7
Channel 8
CxMIX1
CxMIX2
CxMIX3
CxMIX4
CxMIX5
CxMIX6
CxMIX7
CxMIX8
Channel x
Table 9.
RAM block for biquads, mixing, and bass management
Index
(decimal)
Index
(hex)
Coefficient
Default
0
0x00
Channel 1 - Biquad 1
C1H10 (b1/2)
0x000000
1
0x01
C1H11 (b2)
0x000000
2
0x02
C1H12 (a1/2)
0x000000
3
0x03
C1H13 (a2)
0x000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63