công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PM6685 bảng dữ liệu(PDF) 31 Page - STMicroelectronics

tên linh kiện PM6685
Giải thích chi tiết về linh kiện  Dual step-down main supply controller with auxilary voltages for notebook system power
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6685 bảng dữ liệu(HTML) 31 Page - STMicroelectronics

Back Button PM6685_07 Datasheet HTML 27Page - STMicroelectronics PM6685_07 Datasheet HTML 28Page - STMicroelectronics PM6685_07 Datasheet HTML 29Page - STMicroelectronics PM6685_07 Datasheet HTML 30Page - STMicroelectronics PM6685_07 Datasheet HTML 31Page - STMicroelectronics PM6685_07 Datasheet HTML 32Page - STMicroelectronics PM6685_07 Datasheet HTML 33Page - STMicroelectronics PM6685_07 Datasheet HTML 34Page - STMicroelectronics PM6685_07 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 52 page
background image
PM6685
Device description
31/52
When EN5 and EN3 pins are forced high the switching sections begin their soft start
sequence.
LDO3 management is independent from the general power up sequence and depends only
on LDO3_SEL .
Table 9.
Operatives modes
Mode
Conditions
Description
Run
SHDN is high EN3/EN5
pins are high
Switching regulators are enabled; internal linear
regulators outputs are enabled.
Stand
by Both EN5/EN3 pins are
low and SHDN pin is high
Internal Linear regulators active (LDO5 is always on
while LDO3 depends on LDO3_SEL pin). In Standby
mode LGATE5/LGATE3 pins are forced high while
HGATE5/HGATE3 pins are forced low.
Shutdown
SHDN is low
All circuits off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com