công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PM6685 bảng dữ liệu(PDF) 26 Page - STMicroelectronics

tên linh kiện PM6685
Giải thích chi tiết về linh kiện  Dual step-down main supply controller with auxilary voltages for notebook system power
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6685 bảng dữ liệu(HTML) 26 Page - STMicroelectronics

Back Button PM6685_07 Datasheet HTML 22Page - STMicroelectronics PM6685_07 Datasheet HTML 23Page - STMicroelectronics PM6685_07 Datasheet HTML 24Page - STMicroelectronics PM6685_07 Datasheet HTML 25Page - STMicroelectronics PM6685_07 Datasheet HTML 26Page - STMicroelectronics PM6685_07 Datasheet HTML 27Page - STMicroelectronics PM6685_07 Datasheet HTML 28Page - STMicroelectronics PM6685_07 Datasheet HTML 29Page - STMicroelectronics PM6685_07 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 52 page
background image
Device description
PM6685
26/52
If, due to the load, the frequency is higher than 33kHz, the device works like in skip mode.
No-audible skip mode reduces audio frequency noise that may occur in pulse skip mode at
very light loads, keeping the efficiency higher than in PWM mode.
7.6
Current limit
The current-limit circuit employs a “valley” current-sensing algorithm. During the conduction
time of the low side MOSFET the current flowing through it is sensed. The current-sensing
element is the low side MOSFET on-resistance(Figure 33)
Figure 33. RDSON sensing technique
An internal 100
µA ∆I
L current source (ICSENSE) is connected to CSENSE pin and determines
a voltage drop on RCSENSE. If the voltage across the sensing element is greater than this
voltage drop, the controller doesn’t initiate a new cycle. A new cycle starts only when the
sensed current goes below the current limit.
Since the current limit circuit is a valley current limit, the actual peak current limit is greater
than the current limit threshold by an amount equal to the inductor ripple current. Moreover
the maximum output current is equal to the valley current limit plus half of the inductor ripple
current:
Equation 5
The output current limit depends on the current ripple, as shown in Figure 34 on page 27:
LGATE
HGATE
CSENSE
PHASE
Rcsense
RDSon
HS
LS
2
I
I
(max)
I
L
Lvalley
LOAD
∆
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com