công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST6220BB3/OTP bảng dữ liệu(PDF) 100 Page - STMicroelectronics

tên linh kiện ST6220BB3/OTP
Giải thích chi tiết về linh kiện  8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6220BB3/OTP bảng dữ liệu(HTML) 100 Page - STMicroelectronics

Back Button ST6220BB3/OTP Datasheet HTML 96Page - STMicroelectronics ST6220BB3/OTP Datasheet HTML 97Page - STMicroelectronics ST6220BB3/OTP Datasheet HTML 98Page - STMicroelectronics ST6220BB3/OTP Datasheet HTML 99Page - STMicroelectronics ST6220BB3/OTP Datasheet HTML 100Page - STMicroelectronics ST6220BB3/OTP Datasheet HTML 101Page - STMicroelectronics ST6220BB3/OTP Datasheet HTML 102Page - STMicroelectronics ST6220BB3/OTP Datasheet HTML 103Page - STMicroelectronics ST6220BB3/OTP Datasheet HTML 104Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 100 / 104 page
background image
ST6208C/ST6209C/ST6210C/ST6220C
100/104
DEVELOPMENT TOOLS (Cont’d)
STMicroelectronics Tools
Four types of development tool are offered by ST, all of them connect to a PC via a parallel or serial port:
see Table 27 and Table 28 for more details.
Table 27. STMicroelectronics Tool Features
Table 28. Dedicated STMicroelectronics Development Tools
Emulation Type
Programming Capability
Software Included
ST6 Starter Kit
Device simulation (limited
emulation as interrupts are
not supported)
Yes (DIP packages only)
MCU CD ROM with:
– Rkit-ST6 from Raisonance
– ST6 Assembly toolchain
– WGDB6 powerful Source Level
Debugger for Win 3.1, Win 95
and NT
– Various software demo ver-
sions.
– Windows Programming Tools
for Win 3.1, Win 95 and NT
ST6 HDS2 Emulator
In-circuit powerful emula-
tion features including
trace/ logic analyzer
No
ST6 EPROM
Programmer Board
No
Yes
Supported Products
ST6 Starter Kit
ST6 HDS2 Emulator
ST6 Programming Board
ST6208C, ST6209C, ST6210C
and ST6220C
ST622XC-KIT
Complete:
ST62GP-EMU2
Dedication board:
ST62GP-DBE
ST62E2XC-EPB
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com