công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST6G3238E bảng dữ liệu(PDF) 5 Page - STMicroelectronics

tên linh kiện ST6G3238E
Giải thích chi tiết về linh kiện  Dual supply level translator for SD/ MINISD/ T-FLASH With ±8KV contact discharge ESD protection
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6G3238E bảng dữ liệu(HTML) 5 Page - STMicroelectronics

  ST6G3238E Datasheet HTML 1Page - STMicroelectronics ST6G3238E Datasheet HTML 2Page - STMicroelectronics ST6G3238E Datasheet HTML 3Page - STMicroelectronics ST6G3238E Datasheet HTML 4Page - STMicroelectronics ST6G3238E Datasheet HTML 5Page - STMicroelectronics ST6G3238E Datasheet HTML 6Page - STMicroelectronics ST6G3238E Datasheet HTML 7Page - STMicroelectronics ST6G3238E Datasheet HTML 8Page - STMicroelectronics ST6G3238E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
ST6G3238E
Pin connection and function
5/19
2.1
Pin function
CMD, Command is a bi-directional line. The host and card drivers are operating in push-
pull.
DAT0-3, Data lines are bi-directional lines. The host and the card drivers are operating in
push-pull mode.
CLK, Clock is a host to card signal. CLK operates in push-pull mode.
Feedback (return) Clock is feedback clock signal from level shifter to host for controlling
delays.
CD, Card detect, pulls HIGH state of input to VCCA. This pin is protected against ESD up to
8kV contact.
WP, Write protect, pulls HIGH state of input to VCCA. This pin is protected against ESD up
to 8kV contact.
Table 3.
Pin description
µTFBGA Pin N° TSSOP Pin N°
Type
Side
Symbol
Name and function
A2
3
I
A-side
CMD-dir
Command direction
HIGH = A to B
LOW = B to A
D2
4
I/O
A-side
CMD.h
A-side Command
D4
22
I/O
B-Side
CMD
B-side Command
A3
1
I
A-Side
DAT0-dir
Data Direction
HIGH = A to B (write)
LOW = B to A (read)
D1
5
I/O
A-Side
DAT0.h
Data Input / Output
D5
21
I/O
B-Side
DAT0
Data Input / Output
E3
15
I
A-Side
DAT123-dir
Data Direction
HIGH = A to B (write)
LOW = B to A (read)
E1
6
I/O
A-Side
DAT1.h
Data Input / Output
A1
7
I/O
A-Side
DAT2.h
Data Input / Output
B1
8
I/O
A-Side
DAT3.h
Data Input / Output
E5
20
I/O
B-Side
DAT1
Data Input / Output
A5
19
I/O
B-Side
DAT2
Data Input / Output
B5
18
I/O
B-Side
DAT3
Data Input / Output
C1
10
I
A-Side
CLK.h
Clock Input
C5
17
O
B-Side
CLK
Clock Output
E2
9
O
A-Side
CLK-f
Clock Feedback
D3
23
-
A-Side
CD
Card Detect
E4
16
-
A-Side
WP
Write Protect
B3
2
-
A-Side
VCCA
Power supply
B4
24
-
B-Side
VCCB
Power supply
C3, C4
11, 14
-
-
GND
Ground (0V)
A4, B2, C2
12, 13
-
-
NC
No connect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19