công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST6G3238E bảng dữ liệu(PDF) 10 Page - STMicroelectronics

tên linh kiện ST6G3238E
Giải thích chi tiết về linh kiện  Dual supply level translator for SD/ MINISD/ T-FLASH With ±8KV contact discharge ESD protection
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6G3238E bảng dữ liệu(HTML) 10 Page - STMicroelectronics

Back Button ST6G3238E Datasheet HTML 6Page - STMicroelectronics ST6G3238E Datasheet HTML 7Page - STMicroelectronics ST6G3238E Datasheet HTML 8Page - STMicroelectronics ST6G3238E Datasheet HTML 9Page - STMicroelectronics ST6G3238E Datasheet HTML 10Page - STMicroelectronics ST6G3238E Datasheet HTML 11Page - STMicroelectronics ST6G3238E Datasheet HTML 12Page - STMicroelectronics ST6G3238E Datasheet HTML 13Page - STMicroelectronics ST6G3238E Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
DC and AC parameters
ST6G3238E
10/19
Table 8.
AC electrical characteristics (f = 1MHz, 50% duty cycle, CL = 30pF, RL = 500Ω)
Note:
VIA = Input I/Os including CLK.h, CMD.h, DAT0.h, DAT1.h, DAT2.h, DAT3.h
VIB = Input I/Os including CMD, DAT0, DAT1, DAT2, DAT3
Symbol
Parameter
Test condition TA = -40 to 85 °C
Unit
VCCA = 1.8 ± 0.15V VCCA=1.8 ± 0.15V VCCA=2.5 ± 0.2V
VCCB=2.5 ± 0.2V
VCCB=2.7 ± 0.3V VCCB=2.7 ± 0.3V
Min.
Max.
Min.
Max.
Min.
Max.
tPLH tPHL
Propagation delay time An to Bn
1.0
7.2
1.0
6.6
1.0
6.1
ns
tPLH tPHL
Propagation delay time Bn to An
1.0
8.1
1.0
7.5
1.0
5.0
tOSLH tOSHL Output to output skew time (1)(2)
1.
Skew is defined as the absolute value of the difference between the actual propagation delay for any two outputs of the
same device switching in the same direction, either HIGH or LOW ( tOSLH = | tPLHm = tPLHn |, tOSHL = | tPHLm – tPHLn | )
2.
Parameter guaranteed by design.
0.5
0.5
0.5
ns
tCDLH tCDHL Clock and data skew time
0.5
0.5
0.5
ns
fmax
Clock
From A to B
52
52
52
MHz
From B to A
52
52
52
Data
From A to B
52
52
52
Mbps
From B to A
52
52
52
Table 9.
Output slew rate (f = 1MHz, 50% duty cycle, CL=30pF, RL=500
Ω)
Symbol
Parameter
From
To
Test condition TA = -40 to 85 °C
Unit
VCCA = 1.8V ± 0.15V
VCCB = 3V ± 0.3V
Min.
Max.
tr
Rise time
20%
80%
3
ns
tf
Fall time
80%
20%
3
ns
Table 10.
Capacitance characteristics
Symbol
Parameter
Test condition
Value
Unit
VCCB
(V)
VCCA
(V)
TA = 25 °C
-40 to 85 °C
Min.
Typ.
Max.
Min.
Max.
CINB
Input capacitance
open
open
9
pF
CI/OA
Input/Output
capacitance for
A-SIDE
3.3
2.5
17
pF
CI/OB
Input/Output
capacitance for
B-SIDE
3.3
2.5
33
pF
CPD
(1)
1.
CPD is defined as the value of the IC's internal equivalent capacitance which is calculated from the operating current
consumption without load. (Refer to Test Circuit). Average current can be obtained by the following equation. ICC(opr) - CPD
x VCC x fIN + ICC/16 (per circuit)
Power dissipation
capacitance
3.3
2.5
f = 10MHz
29
pF
3.3
1.8
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com