| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STLC5466 bảng dữ liệu(PDF) 92 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STLC5466 bảng dữ liệu(HTML) 92 Page - STMicroelectronics |
|
92 / 130 page ![]() STLC5466 92/130 Figure 1-10: From GCI channels to ISDN channels TDM 0, 2 if PCM at 4 Mb/s GCI side DIN4/5 SCRAMBLER up to 32 SWITCHING MATRIX RX MON controllers up to 16 C/I interrupt Queue, MON interrupt Queue, located in shared memory Microprocessor RX C/I controllers up to 16 for primitives Interrupt controller Extension TX C/I controllers up to 16 for A, E, S1 to S4 SBV 1 SCR D, A, E S1 to S4 B1, B2 by timeslot for the 16 controllers |