| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STLC5466 bảng dữ liệu(PDF) 85 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STLC5466 bảng dữ liệu(HTML) 85 Page - STMicroelectronics |
|
85 / 130 page ![]() 85/130 STLC5466 Figure 1-3: Variable delay through the matrix with ITDM=0 1)case: If OTSy > ITSx + 1, then Variable Delay is: OTSy - ITSx Time slots ITS0 ITS31 OTS31 ITS31 ITS0 Input Output (OTSy -ITSx) ITSx ITSx+1 ITSx+2 OTSy y > x+ 1 Variable Delay 2)case: If ITSx ≤ OTSy ≤ ITSx+2, then Variable Delay is: OTSy-ITSx+32 Time slots ITS0 ITS31 OTS31 ITS31 ITS0 Input Output ITSx ITSx+1 ITSx+2 OTSy Variable Delay: OTSy OTSy - ITSx + 32 Timeslots 32 Timeslots 3)case: If OTSy < ITSx, then Variable Delay is: 32 - (ITSx - OTSy) Time slots ITS0 ITS31 OTS31 ITS31 ITS0 Input Output ITSx OTSy y < x Variable Delay: OTSy 32 - (ITSx - OTSy) Timeslots 32 Timeslots ITSx ITSx OTS0 OTS0 OTS0 Frame n Frame n + 1 x ≤ y ≤ x+1 Frame Frame Frame Frame Frame Frame |