| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
JS28F128P30T85 bảng dữ liệu(PDF) 31 Page - Numonyx B.V |
|
|
|||||||||||||||||||||||||||||
JS28F128P30T85 bảng dữ liệu(HTML) 31 Page - Numonyx B.V |
|
31 / 99 page ![]() November 2007 Datasheet Order Number: 306666-11 31 P30 R3 tELQV CE# low to output valid VCC = 1.8 V – 2.0 V -85 ns VCC = 1.7 V – 2.0 V -88 256/512-Mb TSOP packages -95 R4 tGLQV OE# low to output valid - 25 ns 1,2 R5 tPHQV RST# high to output valid - 150 ns 1 R6 tELQX CE# low to output in low-Z 0 - ns 1,3 R7 tGLQX OE# low to output in low-Z 0 - ns 1,2,3 R8 tEHQZ CE# high to output in high-Z - 24 ns 1,3 R9 tGHQZ OE# high to output in high-Z - 24 ns R10 tOH Output hold from first occurring address, CE#, or OE# change 0- ns R11 tEHEL CE# pulse width high 20 - ns 1 R12 tELTV CE# low to WAIT valid - 17 ns R13 tEHTZ CE# high to WAIT high-Z - 20 ns 1,3 R15 tGLTV OE# low to WAIT valid - 17 ns 1 R16 tGLTX OE# low to WAIT in low-Z 0 - ns 1,3 R17 tGHTZ OE# high to WAIT in high-Z - 20 ns Latching Specifications R101 tAVVH Address setup to ADV# high 10 - ns 1 R102 tELVH CE# low to ADV# high 10 - ns R103 tVLQV ADV# low to output valid VCC = 1.8 V – 2.0 V -85 ns VCC = 1.7 V – 2.0 V -88 256/512-Mb TSOP packages -95 R104 tVLVH ADV# pulse width low 10 - ns R105 tVHVL ADV# pulse width high 10 - ns R106 tVHAX Address hold from ADV# high 9 - ns 1,4 R108 tAPA Page address access - 25 ns 1 R111 tphvh RST# high to ADV# high 30 - ns Clock Specifications R200 fCLK CLK frequency - 52 MHz 1,3,5,6 TSOP Package - 40 MHz R201 tCLK CLK period 19.2 - ns TSOP Package 25 - ns R202 tCH/CL CLK high/low time 5 - ns R203 tFCLK/RCLK CLK fall/rise time - 3 ns Synchronous Specifications(5,6) Table 17: AC Read Specifications for 256/512-Mbit Densities (Sheet 2 of 3) Num Symbol Parameter Speed Min Max Unit Notes |