| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
JS28F128P30T85 bảng dữ liệu(PDF) 28 Page - Numonyx B.V |
|
|
|||||||||||||||||||||||||||||
JS28F128P30T85 bảng dữ liệu(HTML) 28 Page - Numonyx B.V |
|
28 / 99 page ![]() P30 Datasheet November 2007 28 Order Number: 306666-11 7.0 AC Characteristics 7.1 AC Test Conditions Note: AC test inputs are driven at VCCQ for Logic "1" and 0 V for Logic "0." Input/output timing begins/ends at VCCQ/2. Input rise and fall times (10% to 90%) < 5 ns. Worst case speed occurs at VCC = VCCMin. Notes: 1. See the following table for component values. 2. Test configuration component value for worst-case speed conditions. 3. CL includes jig capacitance. . Figure 11: AC Input/Output Reference Waveform Figure 12: Transient Equivalent Testing Load Circuit Table 14: Test Configuration Component Value For Worst Case Speed Conditions Test Configuration CL (pF) VCCQMin Standard Test 30 Figure 13: Clock Input AC Waveform IO_REF.WMF Input V CCQ/2 V CCQ/2 Output V CCQ 0V Test Points Device Under Test Out C L CLK [C] V IH V IL R203 R202 R201 |