| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
JS28F128P30T85 bảng dữ liệu(PDF) 26 Page - Numonyx B.V |
|
|
|||||||||||||||||||||||||||||
JS28F128P30T85 bảng dữ liệu(HTML) 26 Page - Numonyx B.V |
|
26 / 99 page ![]() P30 Datasheet November 2007 26 Order Number: 306666-11 6.0 Electrical Specifications 6.1 DC Current Characteristics Table 12: DC Current Characteristics (Sheet 1 of 2) Sym Parameter CMOS Inputs (VCCQ = 1.7 V - 3.6 V) TTL Inputs (VCCQ = 2.4 V - 3.6 V) Unit Test Conditions Notes Typ Max Typ Max ILI Input Load Current - ±1 - ±2 µA VCC = VCCMax VCCQ = VCCQMax VIN = VCCQ or VSS 1 ILO Output Leakage Current DQ[15:0], WAIT -±1 - ±10 µA VCC = VCCMax VCCQ = VCCQMax VIN = VCCQ or VSS ICCS, ICCD VCC Standby, Power Down 64-Mbit 20 35 20 35 µA VCC = VCCMax VCCQ = VCCQMax CE# = VCCQ RST# = VCCQ (for ICCS) RST# = VSS (for ICCD) WP# = VIH 1,2 128-Mbit 30 75 30 75 256-Mbit 55 115 55 200 512-Mbit 110 230 110 400 ICCR Average VCC Read Current Asynchronous Single- Word f = 5 MHz (1 CLK) 14 16 14 16 mA 1-Word Read VCC = VCCMax CE# = VIL OE# = VIH Inputs: VIL or VIH 1 Page-Mode Read f = 13 MHz (5 CLK) 9 10 9 10 mA 4-Word Read Synchronous Burst f = 40 MHz 13 17 n/a n/a mA BL = 4W 15 19 n/a n/a mA BL = 8W 17 21 n/a n/a mA BL = 16W 21 26 n/a n/a mA BL = Cont. Synchronous Burst f = 52MHz 16 19 n/a n/a mA BL = 4W 19 23 n/a n/a mA BL = 8W 22 26 n/a n/a mA BL = 16W 23 28 n/a n/a mA BL = Cont. ICCW, ICCE VCC Program Current, VCC Erase Current 36 51 36 51 mA VPP = VPPL, pgm/ers in progress 1,3,5 26 33 26 33 VPP = VPPH, pgm/ers in progress 1,3,5 ICCWS, ICCES VCC Program Suspend Current, VCC Erase Suspend Current 64-Mbit 20 35 20 35 µA CE# = VCCQ; suspend in progress 1,3,4 128-Mbit 30 75 30 75 256-Mbit 55 115 55 200 512-Mbit 110 230 110 400 IPPS, IPPWS, IPPES VPP Standby Current, VPP Program Suspend Current, VPP Erase Suspend Current 0.2 5 0.2 5 µA VPP = VPPL, suspend in progress 1,3 IPPR VPP Read 2 15 2 15 µA VPP = VPPL 1,3 IPPW VPP Program Current 0.05 0.10 0.05 0.10 mA VPP = VPPL, program in progress 822 8 22 VPP = VPPH, program in progress |