| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STLC1502 bảng dữ liệu(PDF) 26 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STLC1502 bảng dữ liệu(HTML) 26 Page - STMicroelectronics |
|
26 / 81 page ![]() STLC1502 26/81 Eth_base1+ 0x0014 RXD_DMA_CNTL RX Data DMA Control Register Eth_base1+ 0x0018 RXD_DMA_ADDR RX Data DMA Base Address Register Eth_base1+ 0x001C RXD_DMA_NXT RX Data DMA Next Descriptor Address Register Eth_base1+ 0x0020 RX_DMA_CADDR RX DMA Current Address Register Eth_base1+ 0x0024 RX_DMA_CXFER RX DMA Current Transfer Count Regis- ter Eth_base1+ 0x0028 RX_DMA_TO RX DMA FIFO Time Out Register Eth_base1+ 0x002C RX_DMA FIFO RX DMA FIFO Status Register Eth_base1+ 0x0030 RXV_DMA_CNTL RX Voice DMA Control Register Eth_base1+ 0x0034 RXV_DMA_ADDR RX Voice DMA Base Address Register Eth_base1+ 0x0038 RXV_DMA_NXT RX Voice DMA Next Descriptor Address Register Eth_base1+0x003C- Eth_base1+0x 004C Reserved Eth_base1+ 0x0050 TX_DMA_START TX DMA start Register Eth_base1+ 0x0054 TXD_DMA_CNTL TX Data DMA Control Register Eth_base1+ 0x0058 TXD_DMA_ADDR TX Data DMA Base Address Register Eth_base1+ 0x005C TXD_DMA_NXT TX Data DMA Next Descriptor Address Register Eth_base1+ 0x0060 TX_DMA_CADDR TX DMA Current Address Register Eth_base1+ 0x0064 TX_DMA_CXFER TX DMA Current Transfer Count Regis- ter Eth_base1+ 0x0068 TX_DMA_TO TX DMA FIFO Time Out Register Eth_base1+ 0x006C TX_DMA FIFO TX DMA FIFO Status Register Eth_base1+ 0x0070 TXV_DMA_CNTL TX Voice DMA Control Register Eth_base1+ 0x0074 TXV_DMA_ADDR TX Voice DMA Base Address Register Address Register Name Notes |