| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STLC1502 bảng dữ liệu(PDF) 80 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STLC1502 bảng dữ liệu(HTML) 80 Page - STMicroelectronics |
|
80 / 81 page ![]() Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics ® 2002 STMicroelectronics - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A. http://www.st.com 80/81 STLC1502 Package Type: PQFP 208 / Body 28X28X3.49mm REF Dimensions mm Dimensions inch MIN. TYP. MAX. MIN. TYP. MAX A 4.10 0.161 A1 0.25 0.010 A2 3.40 3.20 3.60 0.134 0.126 0.142 B 0.17 0.27 0.007 0.011 C 0.09 0.20 0.003 0.008 D 30.60 1.205 D1 28.00 1.102 D3 25.50 1.004 e 0.50 0.020 E 30.60 1.205 E1 28.00 1.102 E3 25.50 1.004 L 0.45 0.60 0.75 0.018 0.024 0.029 L1 1.30 0.51 K 0 deg. (min), 3.5 deg. (typ.), 7 deg.(max) |