| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ISO721 bảng dữ liệu(PDF) 3 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
ISO721 bảng dữ liệu(HTML) 3 Page - Texas Instruments |
|
3 / 24 page ![]() GND2 1 2 3 4 8 7 6 5 V CC1 IN V CC1 GND1 V CC2 OUT GND2 EN 1 2 3 4 8 7 6 5 V CC1 IN V CC1 GND1 V CC2 OUT GND2 ISO721M-EP www.ti.com....................................................................................................................................................................................................... SLLS882 – JUNE 2008 D PACKAGE D PACKAGE ISO721, ISO721M ISO722, ISO722M (TOP VIEW) (TOP VIEW) AVAILABLE OPTIONS(1) OUTPUT INPUT NOISE TOP-SIDE PRODUCT(2) PACKAGE ORDERING NUMBER GREEN ENABLED THRESHOLDS FILTER MARKING ISO721(3) NO TTL YES SOIC-8 - - ISO721M NO CMOS NO SOIC-8 721MEP ISO721MMDREP (reel) Pb Free Sb/Br Free ISO722(3) YES TTL YES SOIC-8 - - ISO722M(3) YES CMOS NO SOIC-8 - - (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI website at www.ti.com. (2) Package drawings, thermal data, and symbolization are available at www.ti.com/packaging. (3) Product Preview REGULATORY INFORMATION VDE CSA UL Approved under CSA Component Recognized under 1577 Certified according to IEC 60747-5-2 Acceptance Notice: CA-5A Component Recognition Program(1) File Number: 40014131 File Number: 1698195 File Number: E181974 (1) Production tested ≥ 3000 VRMS for 1 second in accordance with UL 1577. Copyright © 2008, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Link(s): ISO721M-EP |