công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

T87C5112-RKREV bảng dữ liệu(PDF) 44 Page - ATMEL Corporation

tên linh kiện T87C5112-RKREV
Giải thích chi tiết về linh kiện  8-bit Microcontroller with A/D converter
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T87C5112-RKREV bảng dữ liệu(HTML) 44 Page - ATMEL Corporation

Back Button T87C5112-RKREV Datasheet HTML 40Page - ATMEL Corporation T87C5112-RKREV Datasheet HTML 41Page - ATMEL Corporation T87C5112-RKREV Datasheet HTML 42Page - ATMEL Corporation T87C5112-RKREV Datasheet HTML 43Page - ATMEL Corporation T87C5112-RKREV Datasheet HTML 44Page - ATMEL Corporation T87C5112-RKREV Datasheet HTML 45Page - ATMEL Corporation T87C5112-RKREV Datasheet HTML 46Page - ATMEL Corporation T87C5112-RKREV Datasheet HTML 47Page - ATMEL Corporation T87C5112-RKREV Datasheet HTML 48Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 97 page
background image
44
Rev. B - November 10, 2000
Preliminary
T80C5112
Figure 18. Data Transmission Format (CPHA = 0)
Figure 19. Data Transmission Format (CPHA = 1)
As shown in Figure 18, the first SCK edge is the MSB capture strobe. Therefore the Slave must begin driving its
data before the first SCK edge, and a falling edge on the SS pin is used to start the transmission. The SS pin must
be toggled high and then low between each byte transmitted (Figure 20).
Figure 20. CPHA/SS timing
Figure 19 shows an SPI transmission in which CPHA is Õ1Õ. In this case, the Master begins driving its MOSI pin
on the first SCK edge. Therefore the Slave uses the first SCK edge as a start transmission signal. The SS pin can
remain low between transmissions (Figure 20). This format may be preferable in systems having only one Master
and only one Slave driving the MISO data line.
MSB
bit6
bit5
bit4
bit3
bit2
bit1
LSB
bit6
bit5
bit4
bit3
bit2
bit1
MSB
LSB
13
24
5
6
7
8
Capture point
SS (to Slave)
MISO (from Slave)
MOSI (from Master)
SCK (CPOL = 1)
SCK (CPOL = 0)
SPEN (internal)
SCK cycle number
MSB
bit6
bit5
bit4
bit3
bit2
bit1
LSB
bit6
bit5
bit4
bit3
bit2
bit1
MSB
LSB
13
2
4
567
8
Capture point
SS (to Slave)
MISO (from Slave)
MOSI (from Master)
SCK (CPOL = 1)
SCK (CPOL = 0)
SPEN (internal)
SCK cycle number
Byte 1
Byte 2
Byte 3
MISO/MOSI
Master SS
Slave SS
(CPHA = 1)
Slave SS
(CPHA = 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com