công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

T87C5112-RKREV bảng dữ liệu(PDF) 24 Page - ATMEL Corporation

tên linh kiện T87C5112-RKREV
Giải thích chi tiết về linh kiện  8-bit Microcontroller with A/D converter
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T87C5112-RKREV bảng dữ liệu(HTML) 24 Page - ATMEL Corporation

Back Button T87C5112-RKREV Datasheet HTML 20Page - ATMEL Corporation T87C5112-RKREV Datasheet HTML 21Page - ATMEL Corporation T87C5112-RKREV Datasheet HTML 22Page - ATMEL Corporation T87C5112-RKREV Datasheet HTML 23Page - ATMEL Corporation T87C5112-RKREV Datasheet HTML 24Page - ATMEL Corporation T87C5112-RKREV Datasheet HTML 25Page - ATMEL Corporation T87C5112-RKREV Datasheet HTML 26Page - ATMEL Corporation T87C5112-RKREV Datasheet HTML 27Page - ATMEL Corporation T87C5112-RKREV Datasheet HTML 28Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 97 page
background image
24
Rev. B - November 10, 2000
Preliminary
T80C5112
Figure 5. Quasi-Bidirectional Output
9.1.2. Open Drain Output Configuration
The open drain output configuration turns off all pull-ups and only drives the pull-down transistor of the port
driver when the port latch contains a logic 0. To be used as a logic output, a port configured in this manner must
have an external pull-up, typically a resistor tied to Vdd. The pull-down for this mode is the same as for the quasi-
bidirectional mode. The open drain port configuration is shown in Figure 6.
Figure 6. Open Drain Output
9.1.3. Push-Pull Output Configuration
The push-pull output configuration has the same pull-down structure as both the open drain and the quasi-bidirectional
output modes, but provides a continuous strong pull-up when the port latch contains a logic 1. The push-pull mode
may be used when more source current is needed from a port output. The push-pull port configuration is shown
in Figure 7.
2 CPU
Input
Pin
Strong
Very
Weak
N
P
P
Weak
P
CLOCK DELAY
Port latch
Data
Data
Input
Pin
N
Port latch
Data
Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com