công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

T87C5112-RKREV bảng dữ liệu(PDF) 65 Page - ATMEL Corporation

tên linh kiện T87C5112-RKREV
Giải thích chi tiết về linh kiện  8-bit Microcontroller with A/D converter
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T87C5112-RKREV bảng dữ liệu(HTML) 65 Page - ATMEL Corporation

Back Button T87C5112-RKREV Datasheet HTML 61Page - ATMEL Corporation T87C5112-RKREV Datasheet HTML 62Page - ATMEL Corporation T87C5112-RKREV Datasheet HTML 63Page - ATMEL Corporation T87C5112-RKREV Datasheet HTML 64Page - ATMEL Corporation T87C5112-RKREV Datasheet HTML 65Page - ATMEL Corporation T87C5112-RKREV Datasheet HTML 66Page - ATMEL Corporation T87C5112-RKREV Datasheet HTML 67Page - ATMEL Corporation T87C5112-RKREV Datasheet HTML 68Page - ATMEL Corporation T87C5112-RKREV Datasheet HTML 69Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 97 page
background image
Rev. B - November 10, 2000
65
Preliminary
T80C5112
15. Interrupt System
The T80C5112 has a total of 8 interrupt vectors: two external interrupts (INT0 and INT1), two timer interrupts
(timers 0, 1), serial port interrupt, PCA, SPI and A/D. These interrupts are shown in Figure 32..
Figure 32. Interrupt Control System
Each of the interrupt sources can be individually enabled or disabled by setting or clearing a bit in the Interrupt
Enable register (See Table 42.). This register also contains a global disable bit, which must be cleared to disable
all interrupts at once.
Each interrupt source can also be individually programmed to one of four priority levels by setting or clearing a
bit in the Interrupt Priority register (See Table 44.) and in the Interrupt Priority High register (See Table 46.).
Table 40. shows the bit values and priority levels associated with each combination.
IE1
0
3
High priority
interrupt
Interrupt
polling
sequence
Low priority
interrupt
Global
disable
Individual
enable
TI
RI
TF0
INT0
INT1
TF1
IPH, IP
IE0
0
3
0
3
0
3
0
3
0
3
NC
SPI
0
3
ADC
0
3
0
3
CF
CCFx
PCA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com