công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

C167CS-L bảng dữ liệu(PDF) 10 Page - Infineon Technologies AG

tên linh kiện C167CS-L
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcontroller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS-L bảng dữ liệu(HTML) 10 Page - Infineon Technologies AG

Back Button C167CS-L Datasheet HTML 6Page - Infineon Technologies AG C167CS-L Datasheet HTML 7Page - Infineon Technologies AG C167CS-L Datasheet HTML 8Page - Infineon Technologies AG C167CS-L Datasheet HTML 9Page - Infineon Technologies AG C167CS-L Datasheet HTML 10Page - Infineon Technologies AG C167CS-L Datasheet HTML 11Page - Infineon Technologies AG C167CS-L Datasheet HTML 12Page - Infineon Technologies AG C167CS-L Datasheet HTML 13Page - Infineon Technologies AG C167CS-L Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 81 page
background image
C167CS-4R
C167CS-L
Data Sheet
6
V2.2, 2001-08
P7
P7.0
P7.1
P7.2
P7.3
P7.4
P7.5
P7.6
P7.7
19
20
21
22
23
24
25
26
IO
O
O
O
O
I/O
I/O
I/O
I/O
Port 7 is an 8-bit bidirectional I/O port. It is bit-wise
programmable for input or output via direction bits. For a pin
configured as input, the output driver is put into high-
impedance state. Port 7 outputs can be configured as push/
pull or open drain drivers. The input threshold of Port 7 is
selectable (TTL or special).
The following Port 7 pins also serve for alternate functions:
POUT0
PWM Channel 0 Output
POUT1
PWM Channel 1 Output
POUT2
PWM Channel 2 Output
POUT3
PWM Channel 3 Output
CC28IO
CAPCOM2: CC28 Capture Inp./Compare Outp.
CC29IO
CAPCOM2: CC29 Capture Inp./Compare Outp.
CC30IO
CAPCOM2: CC30 Capture Inp./Compare Outp.
CC31IO
CAPCOM2: CC31 Capture Inp./Compare Outp.
P5
P5.0
P5.1
P5.2
P5.3
P5.4
P5.5
P5.6
P5.7
P5.8
P5.9
P5.10
P5.11
P5.12
P5.13
P5.14
P5.15
27
28
29
30
31
32
33
34
35
36
39
40
41
42
43
44
I
I
I
I
I
I
I
I
I
I
I
I
I
I
I
I
I
Port 5 is a 16-bit input-only port with Schmitt-Trigger char.
The pins of Port 5 also serve as analog input channels for the
A/D converter, or they serve as timer inputs:
AN0
AN1
AN2
AN3
AN4
AN5
AN6
AN7
AN8
AN9
AN10,
T6EUD GPT2 Timer T6 Ext. Up/Down Ctrl. Inp.
AN11,
T5EUD GPT2 Timer T5 Ext. Up/Down Ctrl. Inp.
AN12,
T6IN
GPT2 Timer T6 Count Inp.
AN13,
T5IN
GPT2 Timer T5 Count Inp.
AN14,
T4EUD GPT1 Timer T4 Ext. Up/Down Ctrl. Inp.
AN15,
T2EUD GPT1 Timer T2 Ext. Up/Down Ctrl. Inp.
Table 2
Pin Definitions and Functions (cont’d)
Symbol Pin
Num.
Input
Outp.
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81