công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DP80390 bảng dữ liệu(PDF) 22 Page - Digital Core Design

tên linh kiện DP80390
Giải thích chi tiết về linh kiện  Pipelined High Performance Microcontroller Instructions set details ver 3.10
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DCD [Digital Core Design]
Trang chủ  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DP80390 bảng dữ liệu(HTML) 22 Page - Digital Core Design

Back Button DP80390 Datasheet HTML 18Page - Digital Core Design DP80390 Datasheet HTML 19Page - Digital Core Design DP80390 Datasheet HTML 20Page - Digital Core Design DP80390 Datasheet HTML 21Page - Digital Core Design DP80390 Datasheet HTML 22Page - Digital Core Design DP80390 Datasheet HTML 23Page - Digital Core Design DP80390 Datasheet HTML 24Page - Digital Core Design DP80390 Datasheet HTML 25Page - Digital Core Design DP80390 Datasheet HTML 26Page - Digital Core Design Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 84 page
background image
DP80390 Instructions set details
- 22 -
All trademarks mentioned in this document
http://www.DigitalCoreDesign.com
are trademarks of their respective owners.
http://www.dcd.pl
Copyright 1999-2003 DCD – Digital Core Design. All Rights Reserved.
3.4.2. FLAT
Instruction:
AJMP addr19
Function:
Absolute jump
Description:
AJMP transfers program execution to the indicated address, which is
formed at runtime by concatenating the high-order five bits of the PC
(after incrementing the PC triple), opcode bits 7-5, the second and the
third byte of the instruction. The destination must therefore be within the
same 512K block of program memory as the first byte of the instruction
following AJMP.
Operation:
(PC)
← (PC) + 3
(PC18-0)
← page address
Bytes:
3
Cycles:
4
Encoding:
a18 a17 a16
0
0
0
0
1
a15 a14 a13 a12 a11 a10 a9
a8
a7
a6
a5
a4
a3
a2
a1
a0
* instruction modified regarding to standard 80C51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84